Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2099-2YMT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2099-2YMT
Description  Current-Limiting Power Distribution Switches
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2099-2YMT Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2099-2YMT Datasheet HTML 4Page - Micrel Semiconductor MIC2099-2YMT Datasheet HTML 5Page - Micrel Semiconductor MIC2099-2YMT Datasheet HTML 6Page - Micrel Semiconductor MIC2099-2YMT Datasheet HTML 7Page - Micrel Semiconductor MIC2099-2YMT Datasheet HTML 8Page - Micrel Semiconductor MIC2099-2YMT Datasheet HTML 9Page - Micrel Semiconductor MIC2099-2YMT Datasheet HTML 10Page - Micrel Semiconductor MIC2099-2YMT Datasheet HTML 11Page - Micrel Semiconductor MIC2099-2YMT Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Micrel, Inc.
MIC2095/97/98/99
August 2011
8
M9999-080211-C
Typical Characteristics (Continued)
VIN ShutdownCurrent
vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5V
VIN = 3V
-1 Version
VIN ShutdownCurrent
vs. Temperature
0.0
2.0
4.0
6.0
8.0
10.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5V
VIN = 3V
-2 Version
VIN Supply Current
vs.Temperature
0
20
40
60
80
100
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5V
VIN = 3V
Current Limit vs. Temperature
MIC2095
0.0
0.2
0.4
0.6
0.8
1.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5.0V
VOUT = 4V
ILIMIT
ISC
Current Limit vs. Temperature
MIC2098
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5.0V
VOUT = 4V
ITHRESHOLD
ISC
Current Limit vs.Temperature
MIC2097/MIC2099
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-40
-15
10
35
60
85
TEMPERATURE (°C)
ILIMIT
VIN = 5.0V
VOUT = 4V
RSET =195Ω
ISET = 1.1A
ISC
RDS(ON)
vs. Temperature
100
120
140
160
180
200
220
240
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5.0V
VIN = 3.3V
Output Fall Time
vs. Temperature
100
140
180
220
260
300
340
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 3V
VIN = 5.0V
CLOAD = 1μF
RLOAD =100Ω
Output Rise Time
vs. Temperature
0
200
400
600
800
1000
1200
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 3V
VIN = 5.0V
CLOAD = 1μF
RLOAD =100Ω
VIN UVLO Thresholds
vs. Temperature
2.0
2.1
2.2
2.3
2.4
2.5
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN Rising
VIN Falling
Fault Delay vs. Temperature
MIC2095/MIC2099
0
5
10
15
20
25
30
35
40
-40
-15
10
35
60
85
TEMPERATURE (°C)
CLOAD = 1μF
RLOAD =100Ω
VIN = 3V
VIN = 5.0V
Kickstart Current vs. Temperature
MIC2097
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 3V
VIN = 5.0V
VOUT = 4V
RSET =195Ω
ISET = 1.1A


Similar Part No. - MIC2099-2YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2099-2YMT MICREL-MIC2099-2YMT Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
More results

Similar Description - MIC2099-2YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2090 MICREL-MIC2090_11 Datasheet
1Mb / 23P
   Current Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
logo
ON Semiconductor
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com