Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2090 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2090
Description  Current Limiting Power Distribution Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2090 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2090 Datasheet HTML 1Page - Micrel Semiconductor MIC2090 Datasheet HTML 2Page - Micrel Semiconductor MIC2090 Datasheet HTML 3Page - Micrel Semiconductor MIC2090 Datasheet HTML 4Page - Micrel Semiconductor MIC2090 Datasheet HTML 5Page - Micrel Semiconductor MIC2090 Datasheet HTML 6Page - Micrel Semiconductor MIC2090 Datasheet HTML 7Page - Micrel Semiconductor MIC2090 Datasheet HTML 8Page - Micrel Semiconductor MIC2090 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Micrel, Inc.
MIC2090/MIC2091
July 2011
2
M9999-070611-B
Ordering Information
Part Number
Marking
Current
Limit
Current-Limit
Recovery
Junction Temperature
Range
Package
MIC2090-1YM5
L1K
50mA
Auto-Retry
–40
°C to +125°C
SOT-23-5
MIC2091-1YM5
M1K
100mA
Auto-Retry
–40
°C to +125°C
SOT-23-5
MIC2090-2YM5
L2K
50mA
Latch-Off
–40
°C to +125°C
SOT-23-5
MIC2091-2YM5
M2K
100mA
Latch-Off
–40
°C to +125°C
SOT-23-5
Pin Configuration
5-Pin SOT-23 (M5)
Pin Description
Pin Number
Pin Name
Pin Function
1
VIN
Supply (Input): +1.8V to +5.5V. Provides power to the output switch and the MIC2090/MIC2091
internal control circuitry.
2
GND
Ground.
3
EN
Enable (Input): Active-high TTL compatible control input. A high signal turns on the internal
switch and supplies power to the load. This pin cannot be left floating.
4
FAULT/
Fault Status (Output): Open drain output. Can be connected to other open drain outputs. Must
be pulled high with an external resistor.
When EN=0, FAULT/ pin is high
When EN=1, a low on the FAULT/ pin indicates one or more of the following conditions:
1. The part is in current limit and is turned off.
2. The part is in thermal limit and is turned off.
3. The part is in UVLO
5
VOUT
Switched Output (Output): The voltage on this pin is controlled by the internal switch. Connect
the load driven by the MIC2090/MIC2091 to this pin.


Similar Part No. - MIC2090

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2095 MICREL-MIC2095 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095-1YMT MICREL-MIC2095-1YMT Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095-1YMT MICREL-MIC2095-1YMT Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095-2YMT MICREL-MIC2095-2YMT Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
More results

Similar Description - MIC2090

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2095 MICREL-MIC2095_11 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
logo
ON Semiconductor
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com