Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2090-2YM5 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2090-2YM5
Description  Current Limiting Power Distribution Switches
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2090-2YM5 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2090-2YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC2090-2YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC2090-2YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC2090-2YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC2090-2YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC2090-2YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC2090-2YM5 Datasheet HTML 9Page - Micrel Semiconductor MIC2090-2YM5 Datasheet HTML 10Page - Micrel Semiconductor MIC2090-2YM5 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Micrel, Inc.
MIC2090/MIC2091
July 2011
7
M9999-070611-B
Typical Characteristics (Continued)
Output Rise Time
vs. Input Voltage
0
1
2
3
4
5
6
7
8
1.52.02.53.0
3.54.04.55.05.5
INPUT VOLTAGE (V)
CLOAD = 0.1μF
RLOAD = 500Ω
Output Turn-Off Delay
vs. Input Voltage
29
30
31
32
33
34
35
1.52.0
2.5
3.03.54.0
4.55.05.5
INPUT VOLTAGE (V)
CLOAD = 0.1μF
RLOAD = 500Ω
Output Fall Time
vs. Input Voltage
70
80
90
100
110
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
CLOAD = 0.1μF
RLOAD = 500Ω
OGI Threshold
vs. Input Voltage
50
60
70
80
90
100
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
OGI Delay
vs. Input Voltage
5
6
7
8
9
10
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
VIN ShutdownCurrent
vs. Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5V
VIN = 1.8V
VIN Supply Current
vs.Temperature
40
45
50
55
60
65
70
75
80
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5V
VIN = 1.8V
RLOAD = 0
Enable Threshold
vs. Temperature
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
-40
-15
10
35
60
85
TEMPERATURE (°C)
VEN Rising
VEN Falling
VIN = 5.0V
Current Limit vs. Temperature
(MIC2090)
70
72
74
76
78
80
82
84
86
88
90
92
94
96
-40
-15
10
35
60
85
TEMPERATURE (°C)
VIN = 5.0V
ILIMIT @ VOUT = 0V
ILIMIT @ VOUT = 4.5V


Similar Part No. - MIC2090-2YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2095 MICREL-MIC2095 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095-1YMT MICREL-MIC2095-1YMT Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095-1YMT MICREL-MIC2095-1YMT Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095-2YMT MICREL-MIC2095-2YMT Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
More results

Similar Description - MIC2090-2YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2095 MICREL-MIC2095_11 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
MIC2095 MICREL-MIC2095 Datasheet
1Mb / 25P
   Current-Limiting Power Distribution Switches
logo
ON Semiconductor
NCP382 ONSEMI-NCP382_16 Datasheet
172Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
July, 2016 ??Rev. 9
NCP382 ONSEMI-NCP382 Datasheet
217Kb / 12P
   Fixed Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 8
NCP383 ONSEMI-NCP383 Datasheet
163Kb / 10P
   Adjustable Current-Limiting Power-Distribution Switches
October, 2012 ??Rev. 2
NCP380HMUAJAATBG ONSEMI-NCP380HMUAJAATBG Datasheet
599Kb / 24P
   Fixed / Adjustable Current-Limiting Power-Distribution Switches
February, 2012 ??Rev. 10
logo
Micrel Semiconductor
MIC20XX MICREL-MIC20XX Datasheet
1Mb / 29P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2005A-1YM5TR MICREL-MIC2005A-1YM5TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
MIC2009YM6-TR MICREL-MIC2009YM6-TR Datasheet
1Mb / 30P
   Fixed and Adjustable Current Limiting Power Distribution Switches
logo
Microchip Technology
MIC20XX MICROCHIP-MIC20XX Datasheet
3Mb / 38P
   Fixed and Adjustable Current Limiting Power Distribution Switches
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com