Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3117400BT-50 Datasheet(PDF) 10 Page - Siemens Semiconductor Group

Part # HYB3117400BT-50
Description  3.3V 4M x 4-Bit Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3117400BT-50 Datasheet(HTML) 10 Page - Siemens Semiconductor Group

Back Button HYB3117400BT-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3117400BT-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3117400BT-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3117400BT-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3117400BT-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3117400BT-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3117400BT-50 Datasheet HTML 12Page - Siemens Semiconductor Group HYB3117400BT-50 Datasheet HTML 13Page - Siemens Semiconductor Group HYB3117400BT-50 Datasheet HTML 14Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Semiconductor Group
10
HYB 3116(7)400BJ/BT(L) -50/-60/-70
3.3V 4Mx4-DRAM
CAS precharge to RAS Delay
tRHPC
30
35
40
ns
Fast Page Mode Read-Modify-Write Cycle
Fast page mode read-write cycle
time
tPRWC
71
80
95
ns
CAS precharge to WE
tCPWD
48
55
65
ns
CAS-before-RAS Refresh Cycle
CAS setup time
tCSR
10
10
10
ns
CAS hold time
tCHR
10
10
10
ns
RAS to CAS precharge time
tRPC
5
5–
5–
ns
Write to RAS precharge time
tWRP
10
10
10
ns
Write hold time referenced to RAS tWRH
10
10
10
ns
CAS-before-RAS Counter Test Cycle
CAS precharge time
t
CPT
35
40
40
ns
Test Mode
CAS hold time
t
CHRT
30
30
30
ns
Write command setup time
t
WTS
10
10
10
ns
Write command hold time
tWTH
10
10
10
ns
Self Refresh Cycle
RAS pulse width
tRASS
100k
_
100k
_
100k
_
ns
17
RAS precharge time
tRPS
95
_
110
_
130
_
ns
17
CAS hold time
tCHS
-50
_
-50
_
-50
_
ns
17
AC Characteristics (cont’d) 5)6)
16F
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3 V, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.


Similar Part No. - HYB3117400BT-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3117400BJ-50 SIEMENS-HYB3117400BJ-50 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3117400BJ-60 SIEMENS-HYB3117400BJ-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB3117400BT-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116405BJBTL-50- SIEMENS-HYB3116405BJBTL-50- Datasheet
285Kb / 26P
   3.3V 4M x 4-Bit EDO-Dynamic RAM
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB314100BJBJL-50- SIEMENS-HYB314100BJBJL-50- Datasheet
1Mb / 23P
   4M x 1-Bit Dynamic RAM Low Power 4M x 1-Bit Dynamic RAM
HYB3164165BT SIEMENS-HYB3164165BT Datasheet
304Kb / 29P
   4M x 16-Bit Dynamic RAM
HYB3164160T SIEMENS-HYB3164160T Datasheet
367Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165T SIEMENS-HYB3164165T Datasheet
391Kb / 30P
   4M x 16-Bit Dynamic RAM
HYB514100BJ-50- SIEMENS-HYB514100BJ-50- Datasheet
108Kb / 21P
   4M x 1-Bit Dynamic RAM
HYB3164160AT SIEMENS-HYB3164160AT Datasheet
216Kb / 26P
   4M x 16-Bit Dynamic RAM
HYB3164165AT SIEMENS-HYB3164165AT Datasheet
284Kb / 29P
   4M x 16-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com