Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2165YMME Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC2165YMME
Description  Adaptive On-Time DC-DC Controller Featuring HyperLight Load짰
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2165YMME Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC2165YMME Datasheet HTML 1Page - Micrel Semiconductor MIC2165YMME Datasheet HTML 2Page - Micrel Semiconductor MIC2165YMME Datasheet HTML 3Page - Micrel Semiconductor MIC2165YMME Datasheet HTML 4Page - Micrel Semiconductor MIC2165YMME Datasheet HTML 5Page - Micrel Semiconductor MIC2165YMME Datasheet HTML 6Page - Micrel Semiconductor MIC2165YMME Datasheet HTML 7Page - Micrel Semiconductor MIC2165YMME Datasheet HTML 8Page - Micrel Semiconductor MIC2165YMME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Micrel, Inc.
MIC2165
September 2010
3
M9999-092410-E
Absolute Maximum Ratings
(1)
VIN to GND ..................................................... −0.3V to +29V
VDD, VFB, VPGOOD to GND................................. −0.3V to +6V
VBST to VSW ...................................................... −0.3V to +6V
VBST to GND .................................................. −0.3V to +35V
VEN to GND............................................ −0.3V to (VIN+0.3V)
VDH to VSW .........................................−0.3V to (VBST + 0.3V)
VDL to GND .........................................−0.3V to (VDD + 0.3V)
PGND to GND..............................................
−0.3V to +0.3V
Junction Temperature .............................................. +150°C
Storage Temperature (TS).........................−65°C to +150°C
Lead Temperature (soldering, 10sec)........................ 260°C
Operating Ratings
(2)
Supply Voltage (VIN).......................................... 4.5V to 28V
Enable Input Voltage (VEN)..................................... 0V to VIN
Junction Temperature (TJ) ........................ −40°C to +125°C
Package Thermal Resistance
(3)
MSOP-10L ePad (
θJA) ......................................77°C/W
MSOP-10L ePad (
θJC) ......................................10°C/W
Electrical Characteristics
VIN = VEN= 12V; VBST – VSW = 5V; TJ = 25°C, unless noted. Bold values indicate −40°C ≤ TJ ≤ 125°C.
Parameter
Condition
Min.
Typ.
Max.
Units
Power Input Supply
Input Voltage Range (VIN)
4.5
28
V
Quiescent Supply Current
VFB = 1.5V (non-switching)
450
750
µA
Shutdown Current
VEN = 0V
5
10
µA
VDD Supply
VDD Output Voltage
VIN = 7V to 28V, IDD = 40mA
4.8
5.2
5.4
V
VDD UVLO Threshold
VDD rising
3.7
4.2
4.5
V
VDD UVLO Hysteresis
400
mV
Dropout Voltage (VIN − VDD)
IDD = 25mA
380
600
mV
DC-DC Controller
Output-Voltage Adjust Range (VOUT)
0.8
5.5
V
Reference
TJ = 25°C
0.792
0.8
0.808
V
0°C ≤ TJ ≤ 85°C
0.788
0.812
V
Feedback Regulation Voltage
−40°C ≤ TJ ≤ 125°C
0.784
0.816
V
Load Regulation
IOUT = 2A to 10A (Continuous Mode)
Depends on external components
0.25
%
Line Regulation
VIN = 4.5V to 28V
Depends on external components
0.25
%
FB Bias Current
VFB = 0.8V
50
500
nA
Enable Control
(5)
Enable Logic Level High
1.6
V
Enable Logic Level Low
0.6
V
Enable Hysteresis
100
mV
Enable Bias Current
VEN = 12V
6
30
µA


Similar Part No. - MIC2165YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2165YMME MICREL-MIC2165YMME Datasheet
697Kb / 27P
   Adaptive On-Time DC-DC Controller Featuring Hyper Light Load
More results

Similar Description - MIC2165YMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2165 MICREL-MIC2165 Datasheet
697Kb / 27P
   Adaptive On-Time DC-DC Controller Featuring Hyper Light Load
MIC2166 MICREL-MIC2166 Datasheet
622Kb / 26P
   Adaptive On-Time DC-DC Controller
MIC2166_1009 MICREL-MIC2166_1009 Datasheet
731Kb / 28P
   Adaptive On-Time DC-DC Controller Hyper Speed Control??Family
logo
Microchip Technology
MIC2127A MICROCHIP-MIC2127A Datasheet
827Kb / 38P
   75V, Synchronous Buck Controller Featuring Adaptive On-Time Control
11/07/16
MIC261203 MICROCHIP-MIC261203 Datasheet
2Mb / 38P
   28V, 12A HyperLight Load짰 Synchronous DC/DC Buck Regulator
09/14/21
logo
National Semiconductor ...
LM3434 NSC-LM3434_1 Datasheet
1Mb / 8P
   Evaluation Board adaptive constant on-time DC/DC buck
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174_10 Datasheet
706Kb / 27P
   Synchronous Buck Controller Featuring Adaptive On-Time Control 40V Input, 300kHz
MIC2101 MICREL-MIC2101 Datasheet
1Mb / 37P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2101 MICREL-MIC2101_13 Datasheet
1Mb / 36P
   38V, Synchronous Buck Controllers Featuring Adaptive On-Time Control
MIC2103 MICREL-MIC2103 Datasheet
1Mb / 36P
   75V, Synchronous Buck Controllers featuring Adaptive On-Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com