Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3117405BJ-60 Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # HYB3117405BJ-60
Description  3.3V 4M x 4-Bit EDO-Dynamic RAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3117405BJ-60 Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  HYB3117405BJ-60 Datasheet HTML 1Page - Siemens Semiconductor Group HYB3117405BJ-60 Datasheet HTML 2Page - Siemens Semiconductor Group HYB3117405BJ-60 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3117405BJ-60 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3117405BJ-60 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3117405BJ-60 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3117405BJ-60 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3117405BJ-60 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3117405BJ-60 Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Semiconductor Group
2
HYB 3116(7)405BJ/BT(L) -50/-60/-70
3.3V 4Mx4-DRAM
The HYB 3116(7)405BJ/BT(L) is a 16MBit dynamic RAM organized as 4194304 words by 4-bits.
The HYB 3116(7)405BJ/BT(L) utilizes a submicron CMOS silicon gate process technology, as well
as advanced circuit techniques to provide wide operating margins, both internally and for the system
user. Multiplexed address inputs permit the HYB 3116(7)405BJ/BT(L) to be packaged in a standard
SOJ 26/24 300 mil or TSOPII-26/24 300 mil wide plastic package. These packages provide high
system bit densities and are compatible with commonly used automatic testing and insertion
equipment. System-oriented features include single + 3.3 V (± 0.3 V) power supply, direct
interfacing with high-performance logic device families.The HYB3116405BTL parts have a very low
power „sleep mode“ supported by Self Refresh.
Ordering Information
Type
Ordering Code
Package
Descriptions
HYB 3117405BJ-50
Q67100-Q1119
P-SOJ-26/24-1 300 mil
DRAM (access time 50 ns)
HYB 3117405BJ-60
Q67100-Q1120
P-SOJ-26/24-1 300 mil
DRAM (access time 60 ns)
HYB 3117405BJ-70
P-SOJ-26/24-1 300 mil
DRAM (access time 70 ns)
HYB 3117405BT-50
Q67100-Q1135
P-TSOPII-26/24-1 300 mil
DRAM (access time 50 ns)
HYB 3117405BT-60
Q67100-Q1136
P-TSOPII-26/24-1 300 mil
DRAM (access time 60 ns)
HYB 3117405BT-70
Q67100-Q1184
P-TSOPII-26/24-1 300 mil
DRAM (access time 70 ns)
HYB 3116405BJ-50
Q67100-Q1127
P-SOJ-26/24-1 300 mil
DRAM (access time 50 ns)
HYB 3116405BJ-60
Q67100-Q1128
P-SOJ-26/24-1 300 mil
DRAM (access time 60 ns)
HYB 3116405BJ-70
P-SOJ-26/24-1 300 mil
DRAM (access time 70 ns)
HYB 3116405BT-50
Q67100-Q1143
P-TSOPII-26/24-1 300 mil
DRAM (access time 50 ns)
HYB 3116405BT-60
Q67100-Q1144
P-TSOPII-26/24-1 300 mil
DRAM (access time 60 ns)
HYB 3116405BT-70
Q67100-Q1186
P-TSOPII-26/24-1 300 mil
DRAM (access time 70 ns)
HYB 3116405BTL-50
on request
P-TSOPII-26/24-1 300 mil
LP-DRAM (access time 50 ns)
HYB 3116405BTL-60
on request
P-TSOPII-26/24-1 300 mil
LP-DRAM (access time 60 ns)
HYB 3116405BTL-70
on request
P-TSOPII-26/24-1 300 mil
LP-DRAM (access time 70 ns)


Similar Part No. - HYB3117405BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3117405BJ-60 SIEMENS-HYB3117405BJ-60 Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
More results

Similar Description - HYB3117405BJ-60

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJBTL-50- SIEMENS-HYB3116400BJBTL-50- Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
logo
Taiwan Memory Technolog...
T2316405A TMT-T2316405A Datasheet
136Kb / 9P
   4M x 4 DYNAMIC RAM EDO PAGE MODE???
logo
Siemens Semiconductor G...
HYB5117400BJ-50- SIEMENS-HYB5117400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
HYB5116400BJ-50- SIEMENS-HYB5116400BJ-50- Datasheet
325Kb / 26P
   4M x 4-Bit Dynamic RAM
logo
Mosel Vitelic, Corp
V53C517405A MOSEL-V53C517405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C317405A MOSEL-V53C317405A Datasheet
175Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
V53C516405A MOSEL-V53C516405A Datasheet
170Kb / 24P
   4M X 4 EDO PAGE MODE CMOS DYNAMIC RAM
logo
AMIC Technology
A42L2604 AMICC-A42L2604_15 Datasheet
335Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42U2604 AMICC-A42U2604_15 Datasheet
268Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L2604 AMICC-A42L2604 Datasheet
259Kb / 25P
   4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com