Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2215-MMMBML Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC2215-MMMBML
Description  Triple High PSRR, Low Noise 關Cap LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2215-MMMBML Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC2215-MMMBML Datasheet HTML 1Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 2Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 3Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 4Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 5Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 6Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 7Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 8Page - Micrel Semiconductor MIC2215-MMMBML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Micrel, Inc.
MIC2215
January 2007
2
M9999-011207
Ordering Information
Part Number
Part Number
Standard
Pb-Free
Voltage
(1)
(VO1/VO2/VO3)
Junction
Temp. Range
Package
MIC2215-MMMBML
MIC2215-MMMYML
2.8V/2.8V/2.8V
–40° to +125°C
16-Pin 4mm x 4mm MLF
®
MIC2215-PMMBML
MIC2215-PMMYML
3.0V/2.8V/2.8V
–40° to +125°C
16-Pin 4mm x 4mm MLF
®
MIC2215-PPGBML
MIC2215-PPGYML
3.0V/3.0V/1.8V
–40° to +125°C
16-Pin 4mm x 4mm MLF
®
MIC2215-PPMBML
MIC2215-PPMYML
3.0V/3.0V/2.8V
–40° to +125°C
16-Pin 4mm x 4mm MLF
®
MIC2215-PPPBML
MIC2215-PPPYML
3.0V/3.0V/3.0V
–40° to +125°C
16-Pin 4mm x 4mm MLF
®
MIC2215-AAABML
MIC2215-AAAYML
Adj./Adj./Adj.
–40° to +125°C
16-Pin 4mm x 4mm MLF
®
Note:
For other voltage options, contact Micrel for details.
Voltage
Code
Adj.
A
1.5
F
1.6
W
1.8
G
1.85
D
1.9
Y
2.0
H
2.1
E
2.5
J
2.6
K
2.65
I
2.7
L
2.8
M
2.85
N
2.9
O
3.0
P
3.1
Q
3.2
R
3.3
S
3.4
T
3.5
U
3.6
V
Table 1. Voltage Codes


Similar Part No. - MIC2215-MMMBML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2215-MYMLTR MICROCHIP-MIC2215-MYMLTR Datasheet
528Kb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
05/14/19
More results

Similar Description - MIC2215-MMMBML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215_V01 Datasheet
1Mb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
09/14/21
MIC2215 MICROCHIP-MIC2215 Datasheet
528Kb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
05/14/19
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5259 MICREL-MIC5259_06 Datasheet
1Mb / 11P
   300mA High PSRR, Low Noise 關Cap CMOS LDO
logo
Microchip Technology
MIC5252 MICROCHIP-MIC5252 Datasheet
2Mb / 22P
   150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
MIC5319 MICREL-MIC5319_10 Datasheet
898Kb / 12P
   500mA 關Cap Ultra-Low Dropout High PSRR LDO Regulator
logo
Eutech Microelectronics...
EUP7221 EUTECH-EUP7221 Datasheet
99Kb / 1P
   Triple, Low-Noise, High-PSRR, 150mA LDO Without Bypass Capacitor
logo
Excelliance MOS Corp.
EM1106 EXCELLIANCE-EM1106 Datasheet
815Kb / 10P
   600mA High PSRR Low Noise LDO
logo
Renesas Technology Corp
RAA214023 RENESAS-RAA214023 Datasheet
2Mb / 45P
   Ultra Low Noise, High PSRR, LDO
Feb 3, 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com