Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2545A-1YM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2545A-1YM
Description  Programmable Current-Limit High-Side Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2545A-1YM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2545A-1YM Datasheet HTML 1Page - Micrel Semiconductor MIC2545A-1YM Datasheet HTML 2Page - Micrel Semiconductor MIC2545A-1YM Datasheet HTML 3Page - Micrel Semiconductor MIC2545A-1YM Datasheet HTML 4Page - Micrel Semiconductor MIC2545A-1YM Datasheet HTML 5Page - Micrel Semiconductor MIC2545A-1YM Datasheet HTML 6Page - Micrel Semiconductor MIC2545A-1YM Datasheet HTML 7Page - Micrel Semiconductor MIC2545A-1YM Datasheet HTML 8Page - Micrel Semiconductor MIC2545A-1YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Micrel, Inc.
MIC2545A/2549A
June 2011
4
M9999-062711-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)....................................................+7.0V
Output Voltage (VOUT). ................................................+7.0V
Output Current (IOUT) .................................Internally Limited
Enable Input (VEN) ........................................... −0.3V to +7V
Fault Flag Voltage (VFLG).............................................+7.0V
Fault Flag Current (IFLG) ..............................................50mA
Storage Temperature (Ts).........................–65°C to +150°C
Junction Temperature (TJ) ........................Internally Limited
Lead Temperature (soldering, 5sec.)......................... 260°C
ESD Rating
(3)..............................................................1500V
Operating Ratings
(2)
Supply Voltage (VIN)..................................... +2.7V to +5.5V
Ambient Temperature (TA) .......................... –40°C to +85°C
Package Thermal Resistance
PDIP (
θJA) ........................................................130°C/W
SOIC (
θJA)........................................................160°C/W
TSSOP (
θJA)
(4)..................................................100°C/W
Current-Limit Set Range
(5) .................................. 0.5A to 3A
Electrical Characteristics
(4)
VIN = +5V; TA = 25°C, bold values indicate –40°C to +85°C, unless noted.
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
Switch Off, OUT = Open
(6)
0.75
5
µA
90
125
Supply Current
Switch On, OUT = Open
(6)
150
µA
VEN
Enable High Transition
(6)
2.4
1.6
Enable Input Voltage
Enable Low Transition
(6)
1.5
0.8
V
VEN = VOH(MIN) = 2.4V
0.01
1
Enable Input Current
VEN = VOL(MAX) = 0.8V
0.01
1
µA
Enable Input Capacitance
Note 7
1
pF
RDS(ON)
Switch Resistance
IOUT = 500mA
35
50
mΩ
ILIMIT = 0.5A to 3A, VOUT = 1V to 4V
(5)
184
230
276
Current-Limit Factor
ILIMIT = 1A to 2.5A, VOUT = 1V to 4V
(5)
195
230
264
V
Output Leakage Current
Switch Off, VOUT = 0V
1
10
µA
tON
Output Turn-On Delay
RL = 10Ω, CL = 1µF, Figures 1a, 1b
1
2
5
ms
tR
Output Turn-On Rise Time
RL = 10Ω, CL = 1µF, Figures 1a, 1b
0.75
1.8
4.9
ms
tOFF
Output Turn-Off Delay
RL = 10Ω, CL = 1µF, Figures 1a, 1b
25
µs
Notes:
1.
Exceeding the absolute maximum rating may damage the device.
2.
The device is not guaranteed to function outside its operating rating.
3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
4.
Assumes 4-layer PCB is used.
5.
Current limit is determined by ILIMIT =
SET
R
230
, where RSET is in Ωs, and 230 is typical current-limit factor in volts.
6.
Off is
≤ 0.8V and on is ≥ 2.4V for the MIC2545A-1 and MIC2549A-1. Off is ≥ 2.4V and on is ≤ 9.8V for the MIC2545A-2 and MIC2549A-2. The
enable input has about 100mV of hysteresis.
7.
Guaranteed by design but not production tested.


Similar Part No. - MIC2545A-1YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2545A-1YM MICREL-MIC2545A-1YM Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
More results

Similar Description - MIC2545A-1YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2544 MICREL-MIC2544_10 Datasheet
1Mb / 14P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A Datasheet
288Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2544A MICREL-MIC2544A Datasheet
993Kb / 19P
   Programmable Current Limit High-Side Switch
MIC2545A MICREL-MIC2545A_04 Datasheet
130Kb / 16P
   Programmable Current Limit High-Side Switch
MIC2544 MICREL-MIC2544 Datasheet
470Kb / 12P
   Programmable Current Limit High-Side Switch Preliminary Information
logo
Rohm
BD6517F-E2 ROHM-BD6517F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2262G-MGTR ROHM-BD2262G-MGTR Datasheet
616Kb / 37P
   Current Limit High Side Switch ICs
BD226XG-M ROHM-BD226XG-M Datasheet
615Kb / 37P
   Current Limit High Side Switch ICs
03.Feb.2014 Rev.001
BD6512F-E2 ROHM-BD6512F-E2 Datasheet
1Mb / 34P
   Current Limit High Side Switch ICs
BD2046AFJ ROHM-BD2046AFJ_14 Datasheet
1,011Kb / 27P
   0.5A Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com