Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5320-JGYML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5320-JGYML
Description  High-Performance Dual 150mA 關Cap ULDO?
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5320-JGYML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5320-JGYML Datasheet HTML 1Page - Micrel Semiconductor MIC5320-JGYML Datasheet HTML 2Page - Micrel Semiconductor MIC5320-JGYML Datasheet HTML 3Page - Micrel Semiconductor MIC5320-JGYML Datasheet HTML 4Page - Micrel Semiconductor MIC5320-JGYML Datasheet HTML 5Page - Micrel Semiconductor MIC5320-JGYML Datasheet HTML 6Page - Micrel Semiconductor MIC5320-JGYML Datasheet HTML 7Page - Micrel Semiconductor MIC5320-JGYML Datasheet HTML 8Page - Micrel Semiconductor MIC5320-JGYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Micrel, Inc.
MIC5320
February 2011
4
M9999-021111-H
Pin Configuration
1
VIN
GND
EN2
6
VOUT1
VOUT2
EN1
5
4
2
3
VIN
GND
VOUT1
EN1
EN2
3
1
6
2
45
VOUT2
6-Pin 1.6mm x 1.6mm Thin MLF (MT) / MLF (ML)
Top View
TSOT-23-6 (D6)
Top View
Pin Description
Pin Number
Thin MLF-6 /
MLF-6
Pin Number
TSOT-23-6
Pin Name
Pin Function
1
3
VIN
Supply Input.
2
2
GND
Ground
3
1
EN2
Enable Input (regulator 2). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.
4
6
EN1
Enable Input (regulator 1). Active High Input. Logic High = On; Logic Low = Off;
Do not leave floating.
5
5
VOUT2
Regulator Output – LDO2
6
4
VOUT1
Regulator Output – LDO1
HS Pad
EPAD
Exposed heatsink pad connected to ground internally.


Similar Part No. - MIC5320-JGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5320-JGYML MICREL-MIC5320-JGYML Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
More results

Similar Description - MIC5320-JGYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
   Single, 150mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com