Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2582-J1YM Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC2582-J1YM
Description  Single Channel Hot Swap Controllers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2582-J1YM Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC2582-J1YM Datasheet HTML 1Page - Micrel Semiconductor MIC2582-J1YM Datasheet HTML 2Page - Micrel Semiconductor MIC2582-J1YM Datasheet HTML 3Page - Micrel Semiconductor MIC2582-J1YM Datasheet HTML 4Page - Micrel Semiconductor MIC2582-J1YM Datasheet HTML 5Page - Micrel Semiconductor MIC2582-J1YM Datasheet HTML 6Page - Micrel Semiconductor MIC2582-J1YM Datasheet HTML 7Page - Micrel Semiconductor MIC2582-J1YM Datasheet HTML 8Page - Micrel Semiconductor MIC2582-J1YM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
MIC2582/MIC2583
Single Channel Hot Swap Controllers
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
April 2009
M9999-043009-C
General Description
The MIC2582 and MIC2583 are single channel positive
voltage hot swap controllers designed to allow the safe
insertion of boards into live system backplanes. The
MIC2582 and MIC2583 are available in 8-pin SOIC and
16-pin QSOP packages, respectively. Using a few external
components and by controlling the gate drive of an
external N-Channel MOSFET device, the MIC2582/83
provide inrush current limiting and output voltage slew rate
control in harsh, critical power supply environments.
Additionally, a circuit breaker function will latch the output
MOSFET off if the current limit threshold is exceeded for a
determined period. The MIC2583R option includes an
auto-restart function upon detecting an over current
condition.
Datasheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• MIC2582:
Pin-for-pin functional equivalent to the LTC1422
• 2.3V to 13.2V supply voltage operation
• Surge voltage protection up to 20V
• Current regulation limits inrush current regardless of load
capacitance
• Programmable inrush current limiting
• Electronic circuit breaker
• Optional dual-level overcurrent threshold detects
excessive load faults
• Fast response to short circuit conditions (<1µs)
• Programmable output under-voltage detection
• Under-voltage Lockout (UVLO) protection
• Auto-restart function (MIC2583R)
• Power-On Reset and Power-Good status outputs
(Power-Good for the MIC2583 and MIC2583R only)
• /FAULT status output (MIC2583 and MIC2583R)
Applications
• RAID systems
• Base stations
• PC board hot swap insertion and removal
• +12V backplanes
• Network switches
___________________________________________________________________________________________________________
Typical Applications
Figure 1. MIC2583/83R Typical Application Circuit


Similar Part No. - MIC2582-J1YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2582-J1YM MICREL-MIC2582-J1YM Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
More results

Similar Description - MIC2582-J1YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2085 MICREL-MIC2085 Datasheet
1,014Kb / 29P
   Single Channel Hot Swap Controllers
MIC2582 MICREL-MIC2582 Datasheet
190Kb / 22P
   Single Channel Hot Swap Controllers
logo
Microchip Technology
MIC2582 MICROCHIP-MIC2582 Datasheet
2Mb / 32P
   Single-Channel Hot Swap Controllers
02/28/20
logo
Micrel Semiconductor
MIC2582 MICREL-MIC2582_14 Datasheet
1Mb / 27P
   Single-Channel Hot Swap Controllers
logo
Maxim Integrated Produc...
MAX5977A_1107 MAXIM-MAX5977A_1107 Datasheet
1Mb / 13P
   1V to 16V, Single-Channel, Hot-Swap Controllers 1V to 16V, Single-Channel, Hot-Swap Controllers
Rev 2; 7/11
logo
Linear Technology
LTC1647-1 LINER-LTC1647-1_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-2 LINER-LTC1647-2_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC1647-1 LINER-LTC1647-1 Datasheet
249Kb / 20P
   Dual Hot Swap Controllers
LTC1647-3 LINER-LTC1647-3_15 Datasheet
244Kb / 22P
   Dual Hot Swap Controllers
LTC4253 LINER-LTC4253_12 Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com