Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2555-1YML Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2555-1YML
Description  USB ??OTG Transceiver
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2555-1YML Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2555-1YML Datasheet HTML 1Page - Micrel Semiconductor MIC2555-1YML Datasheet HTML 2Page - Micrel Semiconductor MIC2555-1YML Datasheet HTML 3Page - Micrel Semiconductor MIC2555-1YML Datasheet HTML 4Page - Micrel Semiconductor MIC2555-1YML Datasheet HTML 5Page - Micrel Semiconductor MIC2555-1YML Datasheet HTML 6Page - Micrel Semiconductor MIC2555-1YML Datasheet HTML 7Page - Micrel Semiconductor MIC2555-1YML Datasheet HTML 8Page - Micrel Semiconductor MIC2555-1YML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
Micrel, Inc.
MIC2555
December 2006
4
M9999-121406
Interconnect Diagrams
SE0_VM_TX
DAT_VP_RX
D+
D–
MIC2555
Host Controller
1
UART
UART
SIE
I2C
TX
RX
2:1
Figure 1. Controller with Multiplexed Serial Interfaces
SE0_VM_TX
DAT_VP_RX
D+
D–
MIC2555
GPIO_0_RX
GPIO_1_TX
UART
UART
SIE
I2C
Host Controller
1
TX
RX
Figure 2. Controller with Parallel Serial Interfaces
NOTE 1
Examples of Host Controller are:
• Baseband Processor/IC
• µProcessor
• Modem


Similar Part No. - MIC2555-1YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555BML-0 MICREL-MIC2555BML-0 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555BML-1 MICREL-MIC2555BML-1 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555YML-0 MICREL-MIC2555YML-0 Datasheet
306Kb / 29P
   USB - OTG Transceiver
MIC2555YML-1 MICREL-MIC2555YML-1 Datasheet
306Kb / 29P
   USB - OTG Transceiver
More results

Similar Description - MIC2555-1YML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2555 MICREL-MIC2555 Datasheet
306Kb / 29P
   USB - OTG Transceiver
logo
STMicroelectronics
STOTG04ES STMICROELECTRONICS-STOTG04ES Datasheet
474Kb / 26P
   USB-OTG Full-speed Transceiver
STOTG04E STMICROELECTRONICS-STOTG04E Datasheet
477Kb / 26P
   USB-OTG Full-speed Transceiver
logo
NXP Semiconductors
ISP1506A NXP-ISP1506A_08 Datasheet
427Kb / 80P
   ULPI Hi-Speed USB OTG transceiver
Rev. 02-28 August 2008
logo
Texas Instruments
BQ24187 TI1-BQ24187 Datasheet
3Mb / 44P
[Old version datasheet]   1A USB-OTG Support
BQ24157S TI1-BQ24157S Datasheet
3Mb / 45P
[Old version datasheet]   Full USB Compliance and USB-OTG Support
logo
ON Semiconductor
ESD7383 ONSEMI-ESD7383 Datasheet
213Kb / 6P
   USB-OTG 3-Line Protection
September, 2011 ??Rev. 0
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
STMicroelectronics
UM0212 STMICROELECTRONICS-UM0212 Datasheet
264Kb / 13P
   STOTG04 USB OTG full-speed
logo
Texas Instruments
TPS65030 TI-TPS65030 Datasheet
1Mb / 29P
[Old version datasheet]   POWER MANAGEMENT IC for USB-OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com