Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OJESH124DMHF Datasheet(PDF) 2 Page - Tyco Electronics

Part # OJESH124DMHF
Description  3-10 Amp Miniature,PC Board Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

OJESH124DMHF Datasheet(HTML) 2 Page - Tyco Electronics

  OJESH124DMHF Datasheet HTML 1Page - Tyco Electronics OJESH124DMHF Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
423
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 11-04)
Reference Data
Wiring Diagram (Bottom View)
Outline Dimensions
Ordering Information
Typical Part Number
B
OJE
-SH
-1
12
L
M
H
F
,095
1. Basic Series:
OJ = 4kV dielectric, coil and contacts.
OJE = 3kV dielectric, coil and contacts.
2. Enclosure:
SS = Vented (Flux-tight)*, plastic cover.
SH = Sealed, plastic case.
3. Termination:
1 = 1 pole
4. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
5. Coil Input/Contact Rating:
L = Sensitive (200mW) Coil, 3A Contacts**
D = Standard (450mW) Coil, 5A Contacts
H = Standard (450mW) Coil, 10A Contacts
6. Contact Arrangement:
M = 1 Form A, SPST-NO
7. High Capacity Contact Rating Option for Sensitive Coil:
H = 8A Contacts (Only available with Coil Input/Contact Rating code "L").
8. Insulation System:
Leave Blank = Class A (105
°C)
F = Class F (155
°C)
9. Suffix:
,000 = Standard model for enclosure code "SS"
,095 = Standard model for enclosure code "SH"
Other Suffix = Custom model
* Not suitable for immersion cleaning processes.
** For higher contact rating with sensitve coil, add suffix "H" to the end of the part number as indicated in step 7 of Ordering Information.
Coil Temperature Rise
Operate Time
Life Expectancy
PC Board Layout (Bottom View)
12
10
8
6
4
2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
Coil Power (W)
60
50
40
30
20
10
Release Time
Operate Time
Test relay: OJE-SH-112LMH
100
Contact Current (A)
10
1
0
1
2
34
5
6
7
8
910
HM type, 120VAC Res.
LMH type, 250VAC Res.
LM type, 250VAC Res.
DM type, 250VAC Res.
.716
± .02
(18.2
± .5)
.012
(.3)
.500
± .008
(12.70
± .2)
.039
(1.0)
.1
± .008
(2.54
± .2)
.067
(1.71)
.300
± .008
(7.62
± .2)
.157
± .012
(4.00
± .3)
.401
± .02
(10.2
± .5)
.018 x .018
(.45 x .45)
.58
± .02
(14.7
± .5)
.039
(1.0)
.012
(.3)
.500
± .004
(12.7
± .1)
.100
± .004
(2.54
± .1)
.067
(1.71)
.300
± .004
(7.6
± .1)
4 – .05 DIA
(1.3)
OJ-SH-105HM,095
OJ-SH-112LMH,095
OJ-SH-124LMH,095
OJE-SH-105DM,095
OJE-SH-112DM,095
OJE-SH-124DM,095
Our authorized distributors are more likely to stock the following items for immediate delivery.
OJE-SH-112HM,095
OJE-SH-105LMH,095
OJE-SH-112LMH,095
OJE-SH-124LMH,095


Similar Part No. - OJESH124DMHF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OJE MACOM-OJE Datasheet
98Kb / 2P
   Miniature PCB Relay
OJE MACOM-OJE Datasheet
114Kb / 2P
   Miniature PCB Relay OJ / OJE
logo
TE Connectivity Ltd
OJE TEC-OJE Datasheet
873Kb / 4P
   Miniature PCB Relay OJ/OJE
OJE-SH-105DM,000 TEC-OJE-SH-105DM,000 Datasheet
873Kb / 4P
   Miniature PCB Relay OJ/OJE
OJE-SH-105LMH,000 TEC-OJE-SH-105LMH,000 Datasheet
873Kb / 4P
   Miniature PCB Relay OJ/OJE
More results

Similar Description - OJESH124DMHF

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OJE-SS-112LM MACOM-OJE-SS-112LM Datasheet
78Kb / 2P
   3-10 Amp Miniature, PC Board Relay
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
2-1393223-8 MACOM-2-1393223-8 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
SDT MACOM-SDT Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-S-112LMR MACOM-SDT-S-112LMR Datasheet
131Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-SS-112DM MACOM-SDT-SS-112DM Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
logo
List of Unclassifed Man...
OUDH ETC1-OUDH Datasheet
34Kb / 2P
   10 Amp Miniature, Sealed PC Board Relay
logo
Tyco Electronics
PCE-124D1M MACOM-PCE-124D1M Datasheet
113Kb / 2P
   10 Amp Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com