Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2584-2KBTS Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2584-2KBTS
Description  Dual-Channel Hot Swap Controller/Sequencer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2584-2KBTS Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2584-2KBTS Datasheet HTML 4Page - Micrel Semiconductor MIC2584-2KBTS Datasheet HTML 5Page - Micrel Semiconductor MIC2584-2KBTS Datasheet HTML 6Page - Micrel Semiconductor MIC2584-2KBTS Datasheet HTML 7Page - Micrel Semiconductor MIC2584-2KBTS Datasheet HTML 8Page - Micrel Semiconductor MIC2584-2KBTS Datasheet HTML 9Page - Micrel Semiconductor MIC2584-2KBTS Datasheet HTML 10Page - Micrel Semiconductor MIC2584-2KBTS Datasheet HTML 11Page - Micrel Semiconductor MIC2584-2KBTS Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MIC2584/2585
Micrel
MIC2584/2585
8
March 2005
Timing Diagrams
ON
100mV
OFF
VOUT1 - VOUT2
ON Pin Asserted
GATE2
GATE1
ON Pin Deasserted
VOUT1 - VOUT2
ON
OFF
GATE1 ON
GATE2 ON
GATE1 OFF
GATE2 ON
GATE1 ON
GATE2 OFF
GATE1 OFF
GATE2 OFF
GATE1 OFF
GATE2 ON
GATE1 ON
GATE2 OFF
100mV
Figure 2. Gate Voltage Window — Tracking Mode
0.5V
50mV
VGATEx
tOCSLOW
VTRIPFAST
(VCCx – VSENSEx)
tOCFAST
0.5V
Figure 3. Current Limit Response
ON
CPOR
tPOR
tSTART
VOUT[1,2]
VPG[1/2]
PG[1/2]
/POR
VPOR
VSTART
Figure 4. Start-Up Cycle Timing
VOUT1
VOUT2
∆V<0.25V
∆V<0.25V
Tracking Mode, TRK = VOUT1 or VOUT2
Sequencing/Tracking Mode, TRK = VOUT1 or VOUT2
(-1) - VOUT2 follows VOUT1
(-2) - VOUT1 follows VOUT2
VOUT1,
(-1)
VOUT2
(-2)
VOUT2,
(-1)
VOUT1
(-2)
∆V<0.25V
VFB
tDLY
Figure 5. Sequencing Modes (MIC2585 only)


Similar Part No. - MIC2584-2KBTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584-XBTS MICREL-MIC2584-XBTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
MIC2584-XYTS MICREL-MIC2584-XYTS Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
More results

Similar Description - MIC2584-2KBTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2584 MICREL-MIC2584 Datasheet
277Kb / 28P
   Dual-Channel Hot Swap Controller/Sequencer
logo
Linear Technology
LTC1645 LINER-LTC1645_15 Datasheet
334Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC1645 LINER-LTC1645 Datasheet
312Kb / 24P
   Dual-Channel Hot Swap Controller/Power Sequencer
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ_15 Datasheet
699Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
logo
Micrel Semiconductor
MIC2586 MICREL-MIC2586 Datasheet
601Kb / 17P
   Single-Channel, Positive High-Voltage Hot Swap Controller/Sequencer
MIC2589 MICREL-MIC2589_11 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
MIC2589 MICREL-MIC2589_05 Datasheet
4Mb / 29P
   Single-Channel, Negative High-Voltage Hot Swap Power Controller/Sequencer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com