Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2558 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2558
Description  PCMCIA Dual Card Socket V Switching Matrix
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2558 Datasheet(HTML) 7 Page - Micrel Semiconductor

  MIC2558_02 Datasheet HTML 1Page - Micrel Semiconductor MIC2558_02 Datasheet HTML 2Page - Micrel Semiconductor MIC2558_02 Datasheet HTML 3Page - Micrel Semiconductor MIC2558_02 Datasheet HTML 4Page - Micrel Semiconductor MIC2558_02 Datasheet HTML 5Page - Micrel Semiconductor MIC2558_02 Datasheet HTML 6Page - Micrel Semiconductor MIC2558_02 Datasheet HTML 7Page - Micrel Semiconductor MIC2558_02 Datasheet HTML 8Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
1997
7
MIC2558
MIC2558
Micrel
Package Information
45
°
3
°–6°
0.244 (6.20)
0.228 (5.80)
0.344 (8.75)
0.337 (8.55)
0.006 (0.15)
SEATING
PLANE
0.026 (0.65)
MAX)
0.016 (0.40)
TYP
0.154 (3.90)
0.057 (1.45)
0.049 (1.25)
0.193 (4.90)
0.050 (1.27)
TYP
PIN 1
DIMENSIONS:
INCHES (MM)
14-Pin SOP (M)


Similar Part No. - MIC2558_02

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2558BM MICREL-MIC2558BM Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2558BMR MICREL-MIC2558BMR Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2558BMT MICREL-MIC2558BMT Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
More results

Similar Description - MIC2558_02

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2558 MICREL-MIC2558 Datasheet
61Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2559 MICREL-MIC2559 Datasheet
74Kb / 6P
   PCMCIA Dual Card Socket VPP Switching Matrix
MIC2557 MICREL-MIC2557 Datasheet
51Kb / 6P
   PCMCIA Card Socket VPP Switching Matrix
MIC2561 MICREL-MIC2561 Datasheet
50Kb / 8P
   PCMCIA Card Socket VCC & VPP Switching Matrix
MIC2560 MICREL-MIC2560 Datasheet
58Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2560 MICREL-MIC2560_06 Datasheet
198Kb / 8P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2561 MICREL-MIC2561_05 Datasheet
474Kb / 12P
   PCMCIA Card Socket VCC and VPP Switching Matrix
MIC2557 MICREL-MIC2557_11 Datasheet
52Kb / 8P
   PCMCIA Card Socket VPP Switching Matrix Final Information
logo
Linear Technology
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com