Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5310-SNYML Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5310-SNYML
Description  Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5310-SNYML Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5310-SNYML Datasheet HTML 3Page - Micrel Semiconductor MIC5310-SNYML Datasheet HTML 4Page - Micrel Semiconductor MIC5310-SNYML Datasheet HTML 5Page - Micrel Semiconductor MIC5310-SNYML Datasheet HTML 6Page - Micrel Semiconductor MIC5310-SNYML Datasheet HTML 7Page - Micrel Semiconductor MIC5310-SNYML Datasheet HTML 8Page - Micrel Semiconductor MIC5310-SNYML Datasheet HTML 9Page - Micrel Semiconductor MIC5310-SNYML Datasheet HTML 10Page - Micrel Semiconductor MIC5310-SNYML Datasheet HTML 11Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Micrel, Inc.
MIC5310
March 2011
10
M9999-032411-C
Package
θJA Recommended
Minimum Footprint
8-Pin 2x2 MLF
®
90°C/W
Thermal Resistance
Substituting PD for PD(max) and solving for the ambient
operating
temperature will
give
the
maximum
operating conditions for the regulator circuit. The
junction-to-ambient
thermal
resistance
for
the
minimum footprint is 90°C/W.
The maximum power dissipation must not be
exceeded for proper operation.
For example, when operating the MIC5310-MFYML at
an input voltage of 3.3V and 150mA loads at each
output with a minimum footprint layout, the maximum
ambient operating temperature TA can be determined
as follows:
0.345W = (125°C – TA)/(90°C/W)
TA = 93.95°C
Therefore, a 2.8V/1.5V application with 150mA at
each output current can accept an ambient operating
temperature of 93.95°C in a 2mm x 2mm MLF
®
package. For a full discussion of heat sinking and
thermal effects on voltage regulators, refer to the
“Regulator Thermals” section of Micrel’s Designing
with Low-Dropout Voltage Regulators
handbook. This
information can be found on Micrel's website at:
http://www.micrel.com/_PDF/other/LDOBk_ds.pdf


Similar Part No. - MIC5310-SNYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310-SGYML MICREL-MIC5310-SGYML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-SKYML MICREL-MIC5310-SKYML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-SMYML MICREL-MIC5310-SMYML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-SPYML MICREL-MIC5310-SPYML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-SRYML MICREL-MIC5310-SRYML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
More results

Similar Description - MIC5310-SNYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
   Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
logo
Micrel Semiconductor
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com