Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2580A-1.0YTS Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC2580A-1.0YTS
Description  Hot-Swap PCI Power Controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2580A-1.0YTS Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC2580A-1.0YTS Datasheet HTML 7Page - Micrel Semiconductor MIC2580A-1.0YTS Datasheet HTML 8Page - Micrel Semiconductor MIC2580A-1.0YTS Datasheet HTML 9Page - Micrel Semiconductor MIC2580A-1.0YTS Datasheet HTML 10Page - Micrel Semiconductor MIC2580A-1.0YTS Datasheet HTML 11Page - Micrel Semiconductor MIC2580A-1.0YTS Datasheet HTML 12Page - Micrel Semiconductor MIC2580A-1.0YTS Datasheet HTML 13Page - Micrel Semiconductor MIC2580A-1.0YTS Datasheet HTML 14Page - Micrel Semiconductor MIC2580A-1.0YTS Datasheet HTML 15Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
February 2005
11
MIC2580A
MIC2580A
Micrel, Inc.
V/PWRGD
(5V/div)
Turn-On and Turn-off
V/ON
(10V/div)
V3VOUT
(5V/div)
V5VOUT
(5V/div)
V12VOUT
(10V/div)
VM12VOUT
(10V/div)
V/POR
(5V/div)
V/FAULT
(5V/div)
Time (2.5ms/div)
-12V Turn-On
V/ON
(10V/div)
VCSTART
(5V/div)
VM12VOUT
(10V/div)
IM12VIN
(100mA/div)
V/PWRGD
(5V/div)
V/POR
(5V/div)
V/FAULT
(5V/div)
Time (2.5ms/div)
150mA
CSTART = 0.01µF
CSLEW = 0.03µF
CRST = 0.01µF
CSTART = 0.01µF
CSLEW = 0.07µF
CRST = 0.01µF
CM12L = 1µF
RM12L = 80Ω


Similar Part No. - MIC2580A-1.0YTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2580A-1.0BTS MICREL-MIC2580A-1.0BTS Datasheet
252Kb / 21P
   Hot-Swap PCI Power Controller
More results

Similar Description - MIC2580A-1.0YTS

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A Datasheet
252Kb / 21P
   Hot-Swap PCI Power Controller
logo
Linear Technology
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AH LINER-LTC1643AH_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643H LINER-LTC1643H_15 Datasheet
288Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1_15 Datasheet
242Kb / 16P
   PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L Datasheet
225Kb / 16P
   PCI-Bus Hot Swap Controller
LTC4241 LINER-LTC4241_15 Datasheet
285Kb / 16P
   PCI-Bus with 3.3V Auxiliary Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com