Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2594-2YM Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2594-2YM
Description  Single-Channel, Negative High-Voltage Hot Swap Power Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2594-2YM Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2594-2YM Datasheet HTML 4Page - Micrel Semiconductor MIC2594-2YM Datasheet HTML 5Page - Micrel Semiconductor MIC2594-2YM Datasheet HTML 6Page - Micrel Semiconductor MIC2594-2YM Datasheet HTML 7Page - Micrel Semiconductor MIC2594-2YM Datasheet HTML 8Page - Micrel Semiconductor MIC2594-2YM Datasheet HTML 9Page - Micrel Semiconductor MIC2594-2YM Datasheet HTML 10Page - Micrel Semiconductor MIC2594-2YM Datasheet HTML 11Page - Micrel Semiconductor MIC2594-2YM Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
MIC2588/MIC2594
Micrel
M9999-083005
8
September 2005
40
42
44
46
48
50
52
54
56
58
60
-40 -20 0 20 40 60 80 100
TEMPERATURE (°C)
Circuit Breaker Trip Voltage
vs. Temperature
Test Circuit
/PWRGD
DRAIN
UV
OV
VDD
SENSE
GATE
VEE
1
8
7
6
5
4
3
2
R1
698kΩ
1%
R3
12.4kΩ
1%
R2
11.8kΩ
1%
C1
1uF
R
(see photos)
SENSE
*D1
SMAT70A
M
IRF540
1
RFDBK
10kΩ
C3
0.1uF
CFDBK
R4
10Ω
-48VOUT
-48V RTN
C5
100uF
C4
0.1uF
-48VIN
(Long Pin)
-48V RTN
(Long Pin)
C2
0.22uF
MIC2588-2BM
R5
47kΩ
ILOAD
MIC2588/MIC2594 Test Circuit


Similar Part No. - MIC2594-2YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2594-2BM MICREL-MIC2594-2BM Datasheet
83Kb / 14P
   Single-Channel, Negative High-Voltage Hot Swap Power Controllers
More results

Similar Description - MIC2594-2YM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2588 MICREL-MIC2588 Datasheet
83Kb / 14P
   Single-Channel, Negative High-Voltage Hot Swap Power Controllers
MIC2589 MICREL-MIC2589 Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com