Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2800-GFMYML Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC2800-GFMYML
Description  Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2800-GFMYML Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC2800-GFMYML Datasheet HTML 3Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 4Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 5Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 6Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 7Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 8Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 9Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 10Page - Micrel Semiconductor MIC2800-GFMYML Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Micrel, Inc.
MIC2800
September 2007
7
M9999-090507-C
Electrical Characteristics - LDO2
VIN = VOUTLDO2 + 1.0V; EN1 = GND; EN2 = VIN; COUT2 = 2.2µF; IOUTLDO2 = 100µA; TJ = 25°C, bold values indicate
–40°C< TJ < +125°C; unless noted.
Parameter
Conditions
Min
Typ
Max
Units
LOWQ = High (Full Power Mode)
Variation from nominal VOUT
-2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT; -40°C to +125°C
-3.0
+3.0
%
Line Regulation
VIN = VOUT +1V to 5.5V; IOUT = 100µA
0.02
0.3
0.6
%/V
Load Regulation
IOUT = 100µA to 150mA
IOUT = 100µA to 200mA
IOUT = 100µA to 300mA
0.20
0.25
0.40
1.5
%
%
%
Dropout Voltage
IOUT = 150mA
IOUT = 200mA
IOUT = 300mA
70
94
142
300
mV
mV
mV
Ripple Rejection
f = up to 1kHz; COUT = 2.2µF; CBYP = 0.1µF
f = 20kHz; COUT = 2.2µF; CBYP = 0.1µF
75
40
dB
dB
Current Limit
VOUT = 0V
400
550
850
mA
Output Voltage Noise
COUT = 2.2µF, CBYP =0.1µF, 10Hz to 100kHz
25
µVRMS
LOWQ = Low (Light Load Mode)
Variation from nominal VOUT
-3.0
+3.0
%
Output Voltage Accuracy
Variation from nominal VOUT; -40°C to +125°C
-4.0
+4.0
%
Line Regulation
VIN = VOUT +1V to 5.5V
0.02
0.3
0.6
%/V
Load Regulation
IOUT = 100µA to 10mA
0.2
1.0
%
Dropout Voltage
IOUT = 10mA
22
35
50
mV
mV
Ripple Rejection
f = up to 1kHz; COUT = 2.2µF; CBYP = 0.1µF
f = 20kHz; COUT = 2.2µF; CBYP = 0.1µF
75
55
dB
dB
Current Limit
VIN = 2.7V; VOUT = 0V
50
85
125
mA
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5. Specification for packaged product only.
6. VOUT denotes the highest of the three output voltage plus one volt.


Similar Part No. - MIC2800-GFMYML

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC2800-G1JJYML MICROCHIP-MIC2800-G1JJYML Datasheet
1Mb / 46P
   64Mbit (8MB) Flash, Power Management IC, 1Kbit EEPROM
2017
More results

Similar Description - MIC2800-GFMYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2800 MICREL-MIC2800 Datasheet
638Kb / 21P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810 Datasheet
508Kb / 18P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2810 MICREL-MIC2810_08 Datasheet
514Kb / 18P
   Digital Power Management IC 2MHz, 600mA DC/DC w/Dual 300mA/300mA Low VIN LDOs
MIC2811 MICREL-MIC2811_08 Datasheet
465Kb / 17P
   Digital Power Management IC 2MHz, 600mA DC/DC with Triple 300mA LDOs
MIC2807 MICREL-MIC2807_08 Datasheet
437Kb / 18P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise
logo
Microchip Technology
MIC2810 MICROCHIP-MIC2810 Datasheet
2Mb / 26P
   Digital Power Management IC 2 MHz, 600 mA DC/DC with Dual 300 mA/300 mA Low VIN LDOs
09/14/21
logo
Fairchild Semiconductor
FAN2564 FAIRCHILD-FAN2564 Datasheet
583Kb / 13P
   300mA Low VIN LDO for Digital Applications
FAN2564 FAIRCHILD-FAN2564_11 Datasheet
510Kb / 13P
   300mA Low VIN LDO for Digital Applications
logo
Micrel Semiconductor
MIC2808 MICREL-MIC2808 Datasheet
482Kb / 18P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
MIC2807 MICREL-MIC2807 Datasheet
430Kb / 17P
   RF PA Power Management IC 2MHz, 600mA DC/DC w/DAC Input and Bypass Switch, Dual Low Noise 200mA/30mA LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com