Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC2594-2BM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC2594-2BM
Description  Single-Channel, Negative High-Voltage Hot Swap Power Controllers
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2594-2BM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC2594-2BM Datasheet HTML 1Page - Micrel Semiconductor MIC2594-2BM Datasheet HTML 2Page - Micrel Semiconductor MIC2594-2BM Datasheet HTML 3Page - Micrel Semiconductor MIC2594-2BM Datasheet HTML 4Page - Micrel Semiconductor MIC2594-2BM Datasheet HTML 5Page - Micrel Semiconductor MIC2594-2BM Datasheet HTML 6Page - Micrel Semiconductor MIC2594-2BM Datasheet HTML 7Page - Micrel Semiconductor MIC2594-2BM Datasheet HTML 8Page - Micrel Semiconductor MIC2594-2BM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MIC2588/MIC2594
Micrel
M9999-083005
4
September 2005
Absolute Maximum Ratings(1)
(All voltages are referred to VEE)
Supply Voltage (VDD–VEE) ...........................–0.3V to 100V
DRAIN, PWRGD pins....................................–0.3V to 100V
GATE pin ......................................................–0.3V to 12.5V
SENSE, OV, UV, ON, OFF pins.........................–0.3V to 6V
Lead Temperature (soldering)
Standard package (-xBM)
(IR Reflow, Peak Temperature)........ 240°C +0°C/–5°C
Pb-Free Package-(xYM)
(IR Reflow, Peak Temperature)........ 260°C +0°C/–5°C
ESD Ratings(3)
Human Body Model ................................................... 2kV
Machine Model ........................................................ 100V
Operating Ratings(2)
Supply Voltage (VDD–VEE) .......................... +19V to +80V
Ambient Temperature Range (TA) ................ –40°C to 85°C
Junction Temperature (TJ)......................................... 125°C
Package Thermal Resistance
SOIC (θJA) ........................................................152°C/W
DC Electrical Characteristics(4)
VDD = 48V, VEE = 0V, TA = 25°C, unless otherwise noted. Bold indicates specifications apply over the full operating temperature range
of –40°C to +85°C.
Symbol
Parameter
Condition
Min
Typ
Max
Units
VDD – VEE
Supply Voltage
19
80
V
IDD
Supply Current
3
5
mA
VTRIP
Circuit Breaker Trip Voltage
VTRIP = VSENSE – VEE
40
50
60
mV
IGATEON
GATE Pin Pull-up Current
VGATE = VEE to 8V
30
45
60
µA
19V ≤ (VDD – VEE) ≤ 80V
IGATEOFF
GATE Pin Sink Current
(VSENSE – VEE) = 100mV
100
230
mA
VGATE = 2V
VGATE
GATE Drive Voltage, (VGATE – VEE) 15V ≤ (VDD – VEE) ≤ 80V
9
10
11
V
ISENSE
SENSE Pin Current
VSENSE = 50mV
0.2
µA
VUVH
UV Pin High Threshold Voltage
Low-to-High transition
1.213
1.243
1.272
V
VUVL
UV Pin Low Threshold Voltage
High-to-Low transition
1.198
1.223
1.247
V
VUVHYS
UV Pin Hysteresis
20
mV
VOVH
OV Pin High Threshold Voltage
Low-to-High transition
1.198
1.223
1.247
V
VOVL
OV Pin Low Threshold Voltage
High-to-Low transition
1.165
1.203
1.232
V
VOVHYS
OV Pin Hysteresis
20
mV
VONH
ANSI ON Pin High Threshold
Low-to-High transition
1.198
1.223
1.247
V
Voltage
VOFFH
ANSI OFF Pin Low Threshold
High-to-Low transition
1.198
1.223
1.247
V
Voltage
ICNTRL
Input Bias Current
VUV = 1.25V
0.5
µA
(OV, UV, ON, OFF Pins)
VPGTH
Power-Good Threshold
High-to-Low transition
1.1
1.26
1.40
V
(VDRAIN – VEE)
VOLPG
PWRGD Output Voltage
VOLPG – VDRAIN
(relative to voltage at the DRAIN pin) 0mA ≤ IPG(LOW) ≤ 1mA
MIC25XX-1
(VDRAIN – VEE) < VPGTH
–0.25
0.8
V
MIC25XX-2
(VDRAIN – VEE) > VPGTH
–0.25
0.8
V
ILKG(PG)
PWRGD Output Leakage Current
VPWRGD = VDD = 80V
1
µA
Notes:
1. Exceeding the “Absolute Maximum Ratings” may damage the devices.
2. The devices are not guaranteed to function outside the specified operating conditions.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model: 1.5kΩ in series with 100pF. Machine model: 200pF, no series
resistance.
4. Specification for packaged product only.


Similar Part No. - MIC2594-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2594-2BM MICREL-MIC2594-2BM Datasheet
83Kb / 14P
   Single-Channel, Negative High-Voltage Hot Swap Power Controllers
More results

Similar Description - MIC2594-2BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2588 MICREL-MIC2588 Datasheet
83Kb / 14P
   Single-Channel, Negative High-Voltage Hot Swap Power Controllers
MIC2589 MICREL-MIC2589 Datasheet
100Kb / 17P
   SINGLE-CHANNEL NEGATIVE HIGH VOLTAGE HOT SWAP POWER CONTROLLERS/SEQUENCERS
logo
Linear Technology
LTC4252-1 LINER-LTC4252-1 Datasheet
399Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_12 Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252B-2 LINER-LTC4252B-2_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-1 LINER-LTC4252-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252-2 LINER-LTC4252-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-1 LINER-LTC4252A-1_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252A-2 LINER-LTC4252A-2_15 Datasheet
334Kb / 36P
   Negative Voltage Hot Swap Controllers
LTC4252C-1 LINER-LTC4252C-1_15 Datasheet
467Kb / 36P
   Negative Voltage Hot Swap Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com