Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5310-PMYML Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5310-PMYML
Description  Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5310-PMYML Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5310-PMYML Datasheet HTML 1Page - Micrel Semiconductor MIC5310-PMYML Datasheet HTML 2Page - Micrel Semiconductor MIC5310-PMYML Datasheet HTML 3Page - Micrel Semiconductor MIC5310-PMYML Datasheet HTML 4Page - Micrel Semiconductor MIC5310-PMYML Datasheet HTML 5Page - Micrel Semiconductor MIC5310-PMYML Datasheet HTML 6Page - Micrel Semiconductor MIC5310-PMYML Datasheet HTML 7Page - Micrel Semiconductor MIC5310-PMYML Datasheet HTML 8Page - Micrel Semiconductor MIC5310-PMYML Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MIC5310
Dual 150mA µCap LDO in 2mm x 2mm MLF®
ULDO is a trademark of Micrel, Inc.
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
General Description
The MIC5310 is a tiny Dual Ultra Low Dropout
(ULDO™) linear regulator ideally suited for portable
electronics due to its high power supply ripple
rejection (PSRR) and ultra low output noise. The
MIC5310 integrates two high-performance 150mA
ULDOs into a tiny 2mm x 2mm leadless MLF
®
package, which provides exceptional thermal package
characteristics.
The MIC5310 is a µCap design which enables
operation with very small ceramic output capacitors
for stability, thereby reducing required board space
and component cost. The combination of extremely
low-drop-out voltage, high power supply rejection and
exceptional thermal package characteristics makes it
ideal for powering RF/noise sensitive circuitry, cellular
phone camera modules, imaging sensors for digital
still cameras, PDAs, MP3 players and WebCam
applications
The MIC5310 ULDO™ is available in fixed-output
voltages in the tiny 8-pin 2mm x 2mm leadless MLF
®
package which occupies less than half the board area
of a single SOT-6 package. Additional voltage options
are available. For more information, contact Micrel
marketing department.
Data sheets and support documentation are found on
the Micrel web site www.micrel.com.
Features
• 2.3V to 5.5V input voltage range
• Ultra-low dropout voltage ULDO™ 35mV @ 150mA
• High PSRR - >70dB @ 1KHz
• Ultra-low output noise: 30µVRMS
• ±2% initial output accuracy
• Tiny 8-pin 2mm x 2mm MLF® leadless package
• Excellent Load/Line transient response
• Fast start up time: 30µs
• µCap stable with 1µF ceramic capacitor
• Thermal shutdown protection
• Low quiescent current: 75µA per output
• Current limit protection
Applications
• Mobile phones
• PDAs
• GPS receivers
• Portable electronics
• Portable media players
• Digital still and video cameras
Typical Application
March 2011
M9999-032411-C


Similar Part No. - MIC5310-PMYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5310-PGYML MICREL-MIC5310-PGYML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-PKYML MICREL-MIC5310-PKYML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-PNYML MICREL-MIC5310-PNYML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5310-PPYML MICREL-MIC5310-PPYML Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
More results

Similar Description - MIC5310-PMYML

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5310 MICREL-MIC5310 Datasheet
282Kb / 10P
   Dual, 150mA uCap LDO in 2mm x 2mm MLF
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
   Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
logo
Maxim Integrated Produc...
MAX8902A MAXIM-MAX8902A_15 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
Rev 6; 1/15
MAX8902 MAXIM-MAX8902 Datasheet
355Kb / 9P
   Low-Noise 500mA LDO Regulators in a 2mm x 2mm TDFN Package
19-0990; Rev 6; 1/15
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
logo
Micrel Semiconductor
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com