Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3116160BSJ-50 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # HYB3116160BSJ-50
Description  1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116160BSJ-50 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

Back Button HYB3116160BSJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 11Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 12Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Semiconductor Group
8
HYB3116(8)160BSJ/BST(L)-50/-60/-70
3.3V 1M x 16-DRAM
AC Characteristics 5)6)
16F
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3 V, tT = 5 ns
Parameter
Symbol
Limit Values
Unit
Note
-50
-60
-70
min.
max. min.
max. min.
max.
common parameters
Random read or write cycle time
tRC
90
110
130
ns
RAS precharge time
tRP
30
40
50
ns
RAS pulse width
tRAS
50
10k
60
10k
70
10k
ns
CAS pulse width
tCAS
13
10k
15
10k
20
10k
ns
Row address setup time
tASR
0
0–
0–
ns
Row address hold time
tRAH
8
10
10
ns
Column address setup time
t
ASC
0
0–
0–
ns
Column address hold time
t
CAH
10
15
15
ns
RAS to CAS delay time
t
RCD
18
37
20
45
20
50
RAS to column address delay
time
t
RAD
13
25
15
30
15
35
ns
RAS hold time
tRSH
13
15
20
ns
CAS hold time
t
CSH
50
60
70
ns
CAS to RAS precharge time
t
CRP
5
5–
5–
ns
Transition time (rise and fall)
t
T
350
3
50
3
50
ns
7
Refresh period for HYB3118160
t
REF
16
16
16
ms
Refresh period for HYB3116160
t
REF
64
64
64
ms
Refresh period for L-versions
t
REF
256
256
256
ms
Read Cycle
Access time from RAS
tRAC
50
60
70
ns
8, 9
Access time from CAS
tCAC
13
15
20
ns
8, 9
Access time from column address tAA
25
30
35
ns
8,10
OE access time
tOEA
13
15
20
ns
Column address to RAS lead time tRAL
25
30
35
ns
Read command setup time
tRCS
0
0–
0–
ns
Read command hold time
tRCH
0
0–
0–
ns
11
Read command hold time
referenced to RAS
tRRH
0
0–
0–
ns
11


Similar Part No. - HYB3116160BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJ-50 SIEMENS-HYB3116400BJ-50 Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
HYB3116400BJ-50 SIEMENS-HYB3116400BJ-50 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116400BJ-60 SIEMENS-HYB3116400BJ-60 Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
HYB3116400BJ-60 SIEMENS-HYB3116400BJ-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116400BJ-70 SIEMENS-HYB3116400BJ-70 Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3116160BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com