Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYB3116160BSJ-50 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # HYB3116160BSJ-50
Description  1M x 16-Bit Dynamic RAM 1k & 4k -Refresh
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

HYB3116160BSJ-50 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

Back Button HYB3116160BSJ-50 Datasheet HTML 3Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 4Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 5Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 6Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 7Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 8Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 9Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 10Page - Siemens Semiconductor Group HYB3116160BSJ-50 Datasheet HTML 11Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
Semiconductor Group
7
HYB3116(8)160BSJ/BST(L)-50/-60/-70
3.3V 1M x 16-DRAM
Average
V
CC supply current, during RAS-only
refresh cycles:
-50 ns version
-60 ns version
-70 ns version
(RAS cycling: CAS =
V
IH,
t
RC = tRC min.)
I
CC3
200(100)
180 (90)
160 (80)
mA
mA
mA
2) 4)
2) 4)
2) 4)
Average
V
CC supply current,
during fast page mode:
-50 ns version
-60 ns version
-70 ns version
(RAS =
V
IL, CAS, address cycling, tPC = tPC min.)
I
CC4
55 (40)
50 (35)
45 (30)
mA
mA
mA
2) 3) 4)
2) 3) 4)
2) 3) 4)
Standby
V
CC supply current
(RAS = CAS =
V
CC – 0.2 V)
I
CC5
–1
mA
1)
Standby
V
CC supply current (L-version)
(RAS = CAS =
V
CC – 0.2 V)
I
CC5
200
µA
1)
Average
V
CC supply current, during CAS-
before-RAS refresh mode: -50 ns version
-60 ns version
-70 ns version
(RAS, CAS cycling, t
RC = tRC min.)
I
CC6
200(100)
180 (90)
160 (80)
mA
mA
mA
2) 4)
2) 4)
2) 4)
Average Self Refresh Current
(CBR cycle with tRAS>TRASSmin., CAS held low,
WE=Vcc-0.2V, Address and Din=Vcc--0.2V or 0.2V)
I
CC7
_1
250
mA
µA
L-version
Capacitance
T
A = 0 to 70 °C,VCC = 3.3 V ± 0.3 V, f = 1 MHz
Parameter
Symbol
Limit Values
Unit
min.
max.
Input capacitance (A0 to A11)
C
I1
–5pF
Input capacitance (RAS, UCAS, LCAS, WE, OE)
C
I2
–7pF
I/O capacitance (I/O1-I/O16)
C
IO
–7pF
DC Characteristics (values in brackets for HYB3116160BSJ) (cont’d)
T
A = 0 to 70 °C, VSS = 0 V, VCC = 3.3 V ± 0.3 V, tT = 5 ns
Parameter
Symbol
Limit Values
Unit Test
Condition
min.
max.


Similar Part No. - HYB3116160BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB3116400BJ-50 SIEMENS-HYB3116400BJ-50 Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
HYB3116400BJ-50 SIEMENS-HYB3116400BJ-50 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116400BJ-60 SIEMENS-HYB3116400BJ-60 Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
HYB3116400BJ-60 SIEMENS-HYB3116400BJ-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB3116400BJ-70 SIEMENS-HYB3116400BJ-70 Datasheet
253Kb / 26P
   3.3V 4M x 4-Bit Dynamic RAM
More results

Similar Description - HYB3116160BSJ-50

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
HYB5116165BSJ-50- SIEMENS-HYB5116165BSJ-50- Datasheet
269Kb / 26P
   1M x 16-Bit Dynamic RAM 1k & 4k Refresh
HYB5118165BSJBST-50- SIEMENS-HYB5118165BSJBST-50- Datasheet
192Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5118160BSJ-50- SIEMENS-HYB5118160BSJ-50- Datasheet
191Kb / 24P
   1M x 16-Bit Dynamic RAM 1k Refresh
HYB5116405BJ-50- SIEMENS-HYB5116405BJ-50- Datasheet
143Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116405BJBT-50- SIEMENS-HYB5116405BJBT-50- Datasheet
323Kb / 28P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYB5116160BSJ-50 SIEMENS-HYB5116160BSJ-50 Datasheet
272Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5118160BSJ-50 SIEMENS-HYB5118160BSJ-50 Datasheet
254Kb / 24P
   1M x 16-Bit Dynamic RAM
HYB5116400BJ-50-60 SIEMENS-HYB5116400BJ-50-60 Datasheet
138Kb / 26P
   4M x 4-Bit Dynamic RAM 2k & 4k Refresh
HYM321000S SIEMENS-HYM321000S Datasheet
80Kb / 10P
   1M x 32-Bit Dynamic RAM Module 2M x 16-Bit Dynamic RAM Module
HYB514400BJ-BT60 SIEMENS-HYB514400BJ-BT60 Datasheet
976Kb / 25P
   1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com