Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC3975-1.8YMM Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC3975-1.8YMM
Description  750mA 關Cap Low-Voltage Low-Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3975-1.8YMM Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC3975-1.8YMM Datasheet HTML 1Page - Micrel Semiconductor MIC3975-1.8YMM Datasheet HTML 2Page - Micrel Semiconductor MIC3975-1.8YMM Datasheet HTML 3Page - Micrel Semiconductor MIC3975-1.8YMM Datasheet HTML 4Page - Micrel Semiconductor MIC3975-1.8YMM Datasheet HTML 5Page - Micrel Semiconductor MIC3975-1.8YMM Datasheet HTML 6Page - Micrel Semiconductor MIC3975-1.8YMM Datasheet HTML 7Page - Micrel Semiconductor MIC3975-1.8YMM Datasheet HTML 8Page - Micrel Semiconductor MIC3975-1.8YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MIC3975
Micrel
MIC3975
2
February 2005
Pin Configuration
1
EN
IN
FLG
OUT
8 GND
GND
GND
GND
7
6
5
2
3
4
MIC3975-x.x
Fixed
MSOP-8 (MM)
1
EN
IN
ADJ
OUT
8 GND
GND
GND
GND
7
6
5
2
3
4
Adjustable
Pin Description
Pin No.
Pin No.
Pin Name
Pin Function
Fixed
Adjustable
1
1
EN
Enable (Input): CMOS-compatible control input. Logic high = enable, logic
low or open = shutdown.
2
2
IN
Supply (Input)
3
FLG
Flag (Output): Open-collector error flag output. Active low = output under-
voltage.
3
ADJ
Adjustment Input: Feedback input. Connect to resistive voltage-divider net-
work.
4
4
OUT
Regulator Output
5–8
5–8
GND
Ground


Similar Part No. - MIC3975-1.8YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3975-1.8BMM MICREL-MIC3975-1.8BMM Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
More results

Similar Description - MIC3975-1.8YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC3775 MICREL-MIC3775_06 Datasheet
1Mb / 13P
   750mA 關Cap Low-Voltage Low-Dropout Regulator
MIC2937A MICREL-MIC2937A Datasheet
128Kb / 9P
   750mA Low-Dropout Voltage Regulator
MIC2937A MICREL-MIC2937A_06 Datasheet
254Kb / 12P
   750mA Low-Dropout Voltage Regulator
MIC2937 MICREL-MIC2937 Datasheet
257Kb / 12P
   750mA Low-Dropout Voltage Regulator
logo
GTM CORPORATION
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC3975 MICREL-MIC3975 Datasheet
104Kb / 12P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC3775 MICREL-MIC3775 Datasheet
139Kb / 14P
   750mA UCap Low-Voltage Low-Dropout Regulator
MIC39500 MICREL-MIC39500_05 Datasheet
1Mb / 10P
   5A 關Cap Low-Voltage Low-Dropout Regulator
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
logo
Microchip Technology
MIC5271 MICROCHIP-MIC5271 Datasheet
2Mb / 20P
   關Cap Negative Low Dropout Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com