Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5335-PPYMT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5335-PPYMT
Description  Dual, High Performance 300mA 關Cap ULDO?
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5335-PPYMT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5335-PPYMT Datasheet HTML 1Page - Micrel Semiconductor MIC5335-PPYMT Datasheet HTML 2Page - Micrel Semiconductor MIC5335-PPYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5335-PPYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5335-PPYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5335-PPYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5335-PPYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5335-PPYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5335-PPYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MIC5335
Dual, High Performance
300mA µCap ULDO™
ULDO is a trademark of Micrel, Inc.
MLF and MicroLead Frame are registered trademarks of Amkor Technologies.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
May 2008
M9999-051508
General Description
The MIC5335 is a high current density, dual Ultra Low
Dropout (ULDO™) linear regulator. The MIC5335 is
ideally suited for portable electronics which demand
overall high performance in a very small form factor.
The MIC5335 is offered in the ultra small 1.6mm x
1.6mm x 0.55mm 6-ld Thin MLF
® package, which is
only 2.56mm
2
in area. The MIC5335 delivers
exceptional
thermal
performance
for
those
applications that demand higher power dissipation in
a very small foot print. In addition, the MIC5335
integrates two high performance 300mA LDOs with
independent enable functions and offers high PSRR
eliminating the need for a bypass capacitor.
The MIC5335 is a µCap design which enables
operation with very small output capacitors for
stability, thereby reducing required board space and
component cost.
The MIC5335 is available in fixed-output voltages.
Additional
voltages
are
available.
For
more
information, contact Micrel’s Marketing department.
Data sheets and support documentation can be found
on Micrel’s web site at: www.micrel.com.
Features
• 2.3V to 5.5V input voltage range
• Ultra-low dropout voltage: 75mV at 300mA
• Ultra Small 1.6mm x 1.6mm x 0.55mm 6 lead MLF®
package
• Independent enable pins
• High PSRR > 65dB @ 1kHz
• 300mA output current per LDO
• µCap Stable with 1µF ceramic capacitor
• Low quiescent current: 90µA/LDO
• Fast turn-on time: 30µs
• Thermal Shutdown Protection
• Current Limit Protection
Applications
• Mobile Phones
• PDAs
• GPS Receivers
• Portable electronics
• Portable media players
• Digital still and video cameras
Typical Application


Similar Part No. - MIC5335-PPYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5335-PPYMT MICREL-MIC5335-PPYMT Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
More results

Similar Description - MIC5335-PPYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com