Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5209-3.3BM Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5209-3.3BM
Description  500mA Low-Noise LDO Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5209-3.3BM Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5209-3.3BM Datasheet HTML 5Page - Micrel Semiconductor MIC5209-3.3BM Datasheet HTML 6Page - Micrel Semiconductor MIC5209-3.3BM Datasheet HTML 7Page - Micrel Semiconductor MIC5209-3.3BM Datasheet HTML 8Page - Micrel Semiconductor MIC5209-3.3BM Datasheet HTML 9Page - Micrel Semiconductor MIC5209-3.3BM Datasheet HTML 10Page - Micrel Semiconductor MIC5209-3.3BM Datasheet HTML 11Page - Micrel Semiconductor MIC5209-3.3BM Datasheet HTML 12Page - Micrel Semiconductor MIC5209-3.3BM Datasheet HTML 13Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
June 2006
9
M9999-060906
MIC5209
Micrel, Inc.
Applications Information
Enable/Shutdown
Enable is available only on devices in the SO-8 (M) and
TO-263-5 (U) packages.
ForcingEN(enable/shutdown)high(>2V)enablestheregula-
tor. EN is compatible with CMOS logic. If the enable/shutdown
feature is not required, connect EN to IN (supply input).
Input Capacitor
A 1µF capacitor should be placed from IN to GND if there is
more than 10 inches of wire between the input and the ac
filter capacitor or if a battery is used as the input.
Output Capacitor
An output capacitor is required between OUT and GND to
prevent oscillation. The minimum size of the output capacitor
is dependent upon whether a reference bypass capacitor is
used. 1µF minimum is recommended when CBYP is not used
(see Figure 1). 2.2µF minimum is recommended when CBYP
is 470pF (see Figure 2). Larger values improve the regulator’s
transient response.
The output capacitor should have an ESR (equivalent series
resistance) of about 1Ω and a resonant frequency above
1MHz. Ultra-low-ESR capacitors can cause a low amplitude
oscillation on the output and/or underdamped transient re-
sponse. Most tantalum or aluminum electrolytic capacitors
are adequate; film types will work, but are more expensive.
Since many aluminum electrolytics have electrolytes that
freeze at about –30°C, solid tantalums are recommended
for operation below –25°C.
At lower values of output current, less output capacitance
is needed for output stability. The capacitor can be reduced
to 0.47µF for current below 10mA or 0.33µF for currents
below 1mA.
No-Load Stability
The MIC5209 will remain stable and in regulation with no load
(other than the internal voltage divider) unlike many other
voltage regulators. This is especially important in CMOS
RAM keep-alive applications.
Reference Bypass Capacitor
BYP (reference bypass) is available only on devices in SO-8
and TO-263-5 packages.
BYP is connected to the internal voltage reference. A 470pF
capacitor (CBYP) connected from BYP to GND quiets this
reference, providing a significant reduction in output noise
(ultra-low-noise performance). Because CBYP reduces the
phase margin, the output capacitor should be increased to
at least 2.2µF to maintain stability.
The start-up speed of the MIC5209 is inversely proportional
to the size of the reference bypass capacitor. Applications
requiring a slow ramp-up of output voltage should consider
larger values of CBYP. Likewise, if rapid turn-on is necessary,
consider omitting CBYP.
If output noise is not critical, omit CBYP and leave BYP
open.
Thermal Considerations
The SOT-223 has a ground tab which allows it to dissipate
more power than the SO-8. Refer to “Slot-1 Power Supply”
for details. At 25°C ambient, it will operate reliably at 2W
dissipation with “worst-case” mounting (no ground plane,
minimum trace widths, and FR4 printed circuit board).
Thermal resistance values for the SO-8 represent typical
mounting on a 1”-square, copper-clad, FR4 circuit board.
For greater power dissipation, SO-8 versions of the MIC5209
feature a fused internal lead frame and die bonding arrange-
ment that reduces thermal resistance when compared to
standard SO-8 packages.
Package
θJA
θJC
SOT-223 (S)
50°C/W
8°C/W
SO-8 (M)
50°C/W
20°C/W
TO-263-5 (U)
2°C/W
3x3 MLF (ML)
63°C/W
2°C/W
Table 1. MIC5209 Thermal Resistance
Multilayer boards with a ground plane, wide traces near the
pads, and large supply-bus lines will have better thermal con-
ductivity and will also allow additional power dissipation.
For additional heat sink characteristics, please refer to Mi-
crel Application Hint 17, “Designing P.C. Board Heat Sinks”,
included in Micrel’s Databook. For a full discussion of heat
sinking and thermal effects on voltage regulators, refer to
Regulator Thermals section of Micrel’s Designing with Low-
Dropout Voltage Regulators handbook.
Low-Voltage Operation
The MIC5209-1.8 and MIC5209-2.5 require special con-
sideration when used in voltage-sensitive systems. They
may momentarily overshoot their nominal output voltages
unless appropriate output and bypass capacitor values are
chosen.
During regulator power up, the pass transistor is fully satu-
rated for a short time, while the error amplifier and voltage
reference are being powered up more slowly from the output
(see “Block Diagram”). Selecting larger output and bypass
capacitors allows additional time for the error amplifier and
reference to turn on and prevent overshoot.
To ensure that no overshoot is present when starting up into
a light load (100µA), use a 4.7µF output capacitance and
470pF bypass capacitance. This slows the turn-on enough
to allow the regulator to react and keep the output voltage
from exceeding its nominal value. At heavier loads, use a
10µF output capacitance and 470pF bypass capacitance.
Lower values of output and bypass capacitance can be used,
depending on the sensitivity of the system.
Applications that can withstand some overshoot on the output
of the regulator can reduce the output capacitor and/or reduce
or eliminate the bypass capacitor. Applications that are not
sensitive to overshoot due to power-on reset delays can use
normal output and bypass capacitor configurations.
Please note the junction temperature range of the regulator
at 1.8V output (fixed and adjustable) is 0˚C to +125˚C.
SOT-223 (S)
50°C/W
8°C/W
SO-8 (M)
50°C/W
20°C/W
TO-263-5 (U)
2°C/W
3x3 MLF (ML)
63°C/W
2°C/W
Package
SO-8 (M)
50°C/W
20°C/W
3x3 MLF (ML)
63°C/W
2°C/W


Similar Part No. - MIC5209-3.3BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5209-3.3BM MICREL-MIC5209-3.3BM Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
MIC5209-3.3BM MICREL-MIC5209-3.3BM Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
More results

Similar Description - MIC5209-3.3BM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2213 BCDSEMI-AP2213_09 Datasheet
754Kb / 22P
   500mA LOW NOISE LDO REGULATOR
AP2213 BCDSEMI-AP2213 Datasheet
292Kb / 21P
   500mA LOW NOISE LDO REGULATOR
logo
Micrel Semiconductor
MIC5209YM-TR MICREL-MIC5209YM-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Regulator
MIC5209 MICREL-MIC5209 Datasheet
91Kb / 13P
   500mA Low-Noise LDO Regulator
logo
Diodes Incorporated
AP2213 DIODES-AP2213 Datasheet
507Kb / 22P
   500mA LOW NOISE LDO REGULATOR
September 2020 Rev. 3 - 2
logo
Unisonic Technologies
LR9153 UTC-LR9153 Datasheet
194Kb / 4P
   LOW NOISE 500mA LDO REGULATOR
logo
Exar Corporation
SPX3819M5-L-3-3-TR EXAR-SPX3819M5-L-3-3-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
logo
Seaward Electronics Inc...
SE3335 SEAWARD-SE3335 Datasheet
167Kb / 5P
   500mA Low Noise CMOS LDO Regulator
logo
Sipex Corporation
SPX3819 SIPEX-SPX3819 Datasheet
137Kb / 12P
   500mA, Low-Noise LDO Voltage Regulator
logo
Exar Corporation
SPX3819M5-L-5-0-TR EXAR-SPX3819M5-L-5-0-TR Datasheet
1Mb / 13P
   500mA Low-Noise LDO Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com