Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC4826 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC4826
Description  Low Input Voltage, 160VPP Output Voltage, EL Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4826 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC4826 Datasheet HTML 1Page - Micrel Semiconductor MIC4826 Datasheet HTML 2Page - Micrel Semiconductor MIC4826 Datasheet HTML 3Page - Micrel Semiconductor MIC4826 Datasheet HTML 4Page - Micrel Semiconductor MIC4826 Datasheet HTML 5Page - Micrel Semiconductor MIC4826 Datasheet HTML 6Page - Micrel Semiconductor MIC4826 Datasheet HTML 7Page - Micrel Semiconductor MIC4826 Datasheet HTML 8Page - Micrel Semiconductor MIC4826 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MIC4826
Micrel
MIC4826
4
March 2009
Typical Characteristics
0
5
10
15
20
25
30
35
40
45
50
0
1
2
3
4
5
6
INPUT VOLTAGE (V)
Total Input Current
vs. Input Voltage
R
SW = 332k
R
EL = 3.32M
R
SW = 442k
R
EL = 2M
R
SW = 562k, REL = 1M
Lamp = 2in2
L = 220µH
D = BAV19WS
C
OUT = 0.1µF
0
5
10
15
20
25
30
35
40
45
50
-40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
Total Input Current
vs. Temperature
RSW = 332k
REL = 3.32M
RSW = 442k
REL = 2M
RSW = 562k
REL = 1M
V
IN = 3.0V
Lamp = 2in2
L = 220µH
D = BAV19WS
COUT = 0.1µF
0
20
40
60
80
100
120
140
160
180
200
1
2
3
4
5
6
INPUT VOLTAGE (V)
Output Voltage
vs. Input Voltage
RSW = 332k
REL = 3.32M
RSW = 442k
REL = 2M
RSW = 562k
REL = 1M
Lamp = 2in2
L = 220µH
D = BAV19WS
C
OUT = 0.1µF
0
20
40
60
80
100
120
140
160
180
200
-40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
Output Voltage
vs. Temperature
V
IN = 3.0V
Lamp = 2in2
L = 220µH
COUT = 0.1µF
D = BAV19WS
RSW = 332k
REL = 3.32M
RSW = 442k
REL = 2M
RSW = 562k
REL = 1M
0
10
20
30
40
50
60
70
80
90
100
-40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
CS Voltage
vs. Temperature
V
IN = 3.0V
Lamp = 2in2
L = 220µH
COUT = 0.1µF
D = BAV19WS
RSW = 332k
REL = 3.32M
RSW = 442k
REL = 2M
RSW = 562k
REL = 1M
0
1
2
3
4
5
6
7
1
2
3
4
5
6
INPUT VOLTAGE (V)
Switch Resistance
vs. Input Voltage
10
100
1000
10000
0.1
1
10
EL RESISTOR (MΩ)
EL Frequency
vs. EL Resistor
1
10
100
1000
100
1000
10000
SWITCH RESISTOR (kΩ)
Switching Frequency
vs. Switch Resistor
0
20
40
60
80
100
120
-40 -20 0
20 40 60 80 100
TEMPERATURE (°C)
Switching Frequency
vs. Temperature
RSW = 332k
VIN = 3.0V
RSW = 442k
RSW = 562k
0
20
40
60
80
100
120
1
2
3
4
5
6
INPUT VOLTAGE (V)
Switching Frequency
vs. Input Voltage
RSW = 562k
RSW = 442k
RSW = 332k
0
10
20
30
40
50
60
70
80
90
100
1
2
3
4
5
6
INPUT VOLTAGE (V)
Output Voltage Regulation
vs. Input Voltage
R
SW = 332k
R
EL = 3.32M
R
SW = 442k
R
EL = 2M
R
SW = 562k
R
EL = 1M
Lamp = 2in2
L = 220µH
COUT = 0.01µF
0
50
100
150
200
250
300
350
400
1
2
3
4
5
6
INPUT VOLTAGE (V)
EL Frequency
vs. Input Voltage
REL = 1M
REL = 2M
REL = 3.32M


Similar Part No. - MIC4826

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4826 MICREL-MIC4826 Datasheet
123Kb / 12P
   Low Input Voltage, 160VPP Output Voltage, EL Driver
logo
Microchip Technology
MIC4826 MICROCHIP-MIC4826 Datasheet
2Mb / 22P
   Low Input Voltage, 160 VPP Output Voltage, EL Driver
09/14/21
logo
Micrel Semiconductor
MIC4826BMM MICREL-MIC4826BMM Datasheet
123Kb / 12P
   Low Input Voltage, 160VPP Output Voltage, EL Driver
MIC4826YMM MICREL-MIC4826YMM Datasheet
123Kb / 12P
   Low Input Voltage, 160VPP Output Voltage, EL Driver
logo
Microchip Technology
MIC4826YMM MICROCHIP-MIC4826YMM Datasheet
2Mb / 22P
   Low Input Voltage, 160 VPP Output Voltage, EL Driver
09/14/21
More results

Similar Description - MIC4826

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4826 MICREL-MIC4826 Datasheet
123Kb / 12P
   Low Input Voltage, 160VPP Output Voltage, EL Driver
MIC4827 MICREL-MIC4827 Datasheet
142Kb / 13P
   Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4827 MICREL-MIC4827_09 Datasheet
402Kb / 15P
   Low Input Voltage, 180VPP Output Voltage, EL Driver
MIC4827 MICREL-MIC4827_05 Datasheet
589Kb / 13P
   Low Input Voltage, 180VPP Output Voltage, EL Driver
logo
Microchip Technology
MIC4826 MICROCHIP-MIC4826 Datasheet
2Mb / 22P
   Low Input Voltage, 160 VPP Output Voltage, EL Driver
09/14/21
logo
Supertex, Inc
HV825 SUTEX-HV825 Datasheet
327Kb / 4P
   High Voltage EL Lamp Driver
logo
IMP, Inc
IMP803 IMP-IMP803 Datasheet
162Kb / 8P
   HIGH-VOLTAGE EL LAMP DRIVER
logo
Supertex, Inc
HV833 SUTEX-HV833_07 Datasheet
812Kb / 10P
   High Voltage EL Lamp Driver
HV8051 SUTEX-HV8051 Datasheet
53Kb / 4P
   High-Voltage EL Lamp Driver
logo
IMP, Inc
IMP528 IMP-IMP528 Datasheet
134Kb / 6P
   HIGH-VOLTAGE EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com