Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5017BN Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5017BN
Description  Low-Cost Dual High- or Low-Side MOSFET Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5017BN Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5017BN Datasheet HTML 4Page - Micrel Semiconductor MIC5017BN Datasheet HTML 5Page - Micrel Semiconductor MIC5017BN Datasheet HTML 6Page - Micrel Semiconductor MIC5017BN Datasheet HTML 7Page - Micrel Semiconductor MIC5017BN Datasheet HTML 8Page - Micrel Semiconductor MIC5017BN Datasheet HTML 9Page - Micrel Semiconductor MIC5017BN Datasheet HTML 10Page - Micrel Semiconductor MIC5017BN Datasheet HTML 11Page - Micrel Semiconductor MIC5017BN Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC5016/5017
Micrel
MIC5016/5017
8
October 1998
Motor Driver With Stall Shutdown (Figure 10) Tachometer
feedback can be used to shut down a motor driver circuit when
a stall condition occurs. The control switch is a 3-way type; the
“START” position is momentary and forces the driver ON.
When released, the switch returns to the “RUN” position, and
the tachometer’s output is used to hold the MIC5016 input ON.
If the motor slows down, the tach output is reduced, and the
MIC5016 switches OFF.
Resistor “R” sets the shutdown
threshold.
Figure 10. Motor Stall Shutdown
Simple DC-DC Converter (Figure 11) The simplest applica-
tion for the MIC5016 is as a basic one-chip DC-DC converter.
As the output (Gate) pin has a relatively high impedance, the
output voltage shown will vary significantly with applied load.
Incandescent/Halogen Lamp Driver (Figure 8) The combi-
nation of an MIC5016/5017 and a power FET makes an
effective driver for a standard incandescent or halogen lamp
load. Such loads often have high inrush currents, as the
resistance of a cold filament is less than one-tenth as much as
when it is hot.
Power MOSFETs are well suited to this
application as they have wider safe operating areas than do
power bipolar transistors. It is important to check the SOA
curve on the data sheet of the power FET to be used against
the estimated or measured inrush current of the lamp in
question prior to prototyping to prevent “explosive” results.
If overcurrent sense is to be used, first measure the duration
of the inrush, then use the topology of Figure 5 with the RC of
the timer chosen to accomodate the duration with suitable
guardbanding.
Figure 8: Halogen Lamp Driver
Relay Driver (Figure 9) Some power relay applications re-
quire the use of a separate switch or drive control, such as in
the case of microprocessor control of banks of relays where
a logic level control signal is used, or for drive of relays with
high power requirements. The combination of an MIC5016/
5017 and a power FET also provides an elegant solution to
power relay drive.
Figure 9: Relay Driver
Figure 11. DC - DC Converter
1/2 MIC5016
Control Input
OFF
ON
IRF540
12V
Gate
Gnd
Source
Input
V+
10µF
OSRAM
HLX64623
1/2 MIC5016
Control Input
OFF
ON
IRF540
12V
Gate
Gnd
Source
Input
V+
10µF
Guardian Electric
1725-1C-12D
1/2 MIC5016
Gate
Gnd
Source
Input
V+
10µF
5V
VOUT = 12V
1/2 MIC5016
IRFZ44
12V
Gate
Gnd
Source
Input
V+
10µF
M
T
R
330k
330k
1N4148


Similar Part No. - MIC5017BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5017BN MICREL-MIC5017BN Datasheet
130Kb / 9P
   Low-Cost Dual High- or Low-Side MOSFET Driver
More results

Similar Description - MIC5017BN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5016 MICREL-MIC5016 Datasheet
130Kb / 9P
   Low-Cost Dual High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014_05 Datasheet
515Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5014 MICREL-MIC5014 Datasheet
85Kb / 9P
   Low-Cost High- or Low-Side MOSFET Driver
MIC5014-1 MICREL-MIC5014-1 Datasheet
76Kb / 12P
   Low-Cost High- or Low-Side MOSFET Driver Final Information
MIC5013 MICREL-MIC5013 Datasheet
153Kb / 16P
   Protected High- or Low-Side MOSFET Driver
MIC5013 MICREL-MIC5013_05 Datasheet
228Kb / 15P
   Protected High- or Low-Side MOSFET Driver
MIC5010 MICREL-MIC5010 Datasheet
189Kb / 16P
   Full-Featured High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011 Datasheet
121Kb / 12P
   Minimum Parts High- or Low-Side MOSFET Driver
MIC5011 MICREL-MIC5011_05 Datasheet
213Kb / 12P
   Minimum Parts High- or Low-Side MOSFET Driver
logo
Tripath Technology Inc.
TP2150B TRIPATH-TP2150B Datasheet
377Kb / 18P
   DUAL HIGH SIDE AND LOW SIDE MOSFET DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com