Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5211-3.0YM6 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5211-3.0YM6
Description  Dual 關Cap 80mA LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5211-3.0YM6 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5211-3.0YM6 Datasheet HTML 1Page - Micrel Semiconductor MIC5211-3.0YM6 Datasheet HTML 2Page - Micrel Semiconductor MIC5211-3.0YM6 Datasheet HTML 3Page - Micrel Semiconductor MIC5211-3.0YM6 Datasheet HTML 4Page - Micrel Semiconductor MIC5211-3.0YM6 Datasheet HTML 5Page - Micrel Semiconductor MIC5211-3.0YM6 Datasheet HTML 6Page - Micrel Semiconductor MIC5211-3.0YM6 Datasheet HTML 7Page - Micrel Semiconductor MIC5211-3.0YM6 Datasheet HTML 8Page - Micrel Semiconductor MIC5211-3.0YM6 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
May 2006
3
MIC5211
MIC5211
Micrel, Inc.
Absolute Maximum Ratings (Note 1)
Supply Input Voltage (VIN)..............................–20V to +20V
Enable Input Voltage (VEN) ............................–20V to +20V
Power Dissipation (PD)............................. Internally Limited
Storage Temperature Range .................... –60°C to +150°C
Lead Temperature (soldering, 5 sec.)........................ 260°C
ESD,
(Note 3)......................................................................
Electrical Characteristics
VIN = VOUT + 1V; IL = 1mA; CL = 0.1µF, and VEN ≥ 2.0V; TJ = 25°C, bold values indicate –40°C to +125°C;
for one-half of dual MIC5211; unless noted.
Symbol
Parameter
Conditions
Min
Typical Max
Units
VO
Output Voltage
variation from nominal VOUT
–3
3
%
Accuracy
–4
4
%
ΔVO/ΔT
Output Voltage
Note 5
50
200
ppm/°C
Temperature Coeffcient
ΔVO/VO
Line Regulation
VIN = VOUT +1V to 16V
0.008
0.3
%
0.5
%
ΔVO/VO
Load Regulation
IL = 0.1mA to 50mA, Note 6
0.08
0.3
%
0.5
%
VIN – VO
Dropout Voltage,
Note 7
IL = 100µA
20
mV
IL = 20mA
200
450
mV
IL = 50mA
250
500
mV
IQ
Quiescent Current
VEN ≤ 0.4V (shutdown)
0.01
10
µA
IGND
Ground Pin Current
VEN ≥ 2.0V, IL = 100µA (active)
90
µA
Note 8
IL = 20mA (active)
225
450
µA
IL = 50mA (active)
750
1200
µA
ILIMIT
Current Limit
VOUT = 0V
140
250
mA
ΔVO/ΔPD
Thermal Regulation
Note 9
0.05
%/W
Enable Input
Enable Input Voltage Level
VIL
logic low (off)
0.6
V
VIH
logic high (on)
2.0
V
IIL
Enable Input Current
VIL ≤ 0.6V
0.01
1
µA
IIH
VIH ≥ 2.0V
3
50
µA
Note 1: Exceeding the absolute maximum rating may damage the device.
Note 2: The device is not guareented to function outside itsperating rating.
Note 3: Devices are ESD sensitive. Handling precautions recommended.
Note 4: The maximum allowable power dissipation at any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allow-
able power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. The θJA is 220°C/W for the
SOT-23-6 mounted on a printed circuit board.
Note 5: Output voltage temperature coeffiecient is defined as the worst case voltage change divided by the total temperature range.
Note 6: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for load regulation in the load
range from 0.1mA to 50mA. Change in output voltage due to heating effects are covered by thermal regulation specification.
Note 7: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at 1V
differential. For output voltages below 2.5V, dropout voltage is the input-to-output voltage differential with the minimum voltage being 2.5V.
Minimum input opertating voltage is 2.5V.
Note 8: Ground pin current is the quiescent current per regulator plus pass transistor base current. The total current drawn from the supply is the sum
of the load current plus the ground pin current.
Note 9: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is applied, excluding load or line
regulation effects. Specifications are for a 50mA load pulse at VIN = 16V for t = 10ms.
Operating Ratings (Note 2)
Supply Input Voltage (VIN).................................2.5V to 16V
Enable Input Voltage (VEN) ..................................0V to 16V
Junction Temperature (TJ) (except 1.8V).. –40°C to +125°C
1.8V only................................................... 0°C to +125°C
6-lead SOT-23-6 (θJA) ............................................. Note 4


Similar Part No. - MIC5211-3.0YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5211-3.0BM6 MICREL-MIC5211-3.0BM6 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
More results

Similar Description - MIC5211-3.0YM6

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5211 MICREL-MIC5211 Datasheet
70Kb / 12P
   Dual 關Cap 80mA LDO Regulator Preliminary Information
MIC5203 MICREL-MIC5203_09 Datasheet
267Kb / 10P
   關Cap 80mA Low-Dropout Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5203 MICREL-MIC5203 Datasheet
81Kb / 7P
   關Cap??80mA Low-Dropout Voltage Regulator
MIC5250 MICREL-MIC5250_03 Datasheet
173Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator
MIC5231 MICREL-MIC5231_08 Datasheet
191Kb / 7P
   Micropower 關Cap LDO Regulator
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
logo
Microchip Technology
MIC5203 MICROCHIP-MIC5203 Datasheet
1Mb / 20P
   關Cap 80 mA LDO Regulator
09/14/21
logo
Micrel Semiconductor
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com