Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5366-2.6YC5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5366-2.6YC5
Description  High Performance Single 150mA LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5366-2.6YC5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5366-2.6YC5 Datasheet HTML 1Page - Micrel Semiconductor MIC5366-2.6YC5 Datasheet HTML 2Page - Micrel Semiconductor MIC5366-2.6YC5 Datasheet HTML 3Page - Micrel Semiconductor MIC5366-2.6YC5 Datasheet HTML 4Page - Micrel Semiconductor MIC5366-2.6YC5 Datasheet HTML 5Page - Micrel Semiconductor MIC5366-2.6YC5 Datasheet HTML 6Page - Micrel Semiconductor MIC5366-2.6YC5 Datasheet HTML 7Page - Micrel Semiconductor MIC5366-2.6YC5 Datasheet HTML 8Page - Micrel Semiconductor MIC5366-2.6YC5 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MIC5365/6
High Performance Single 150mA LDO
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
September 2009
M9999-090109-C
General Description
The MIC5365/6 is an advanced general purpose linear
regulator offering high power supply rejection (PSRR) in
an ultra-small 1mm x 1mm package. The MIC5366
includes an auto-discharge feature that is activated when
the enable pin is low. The MIC5365/6 is capable of
sourcing 150mA output current and offers high PSRR
making it an ideal solution for any portable electronic
application.
Ideal for battery powered applications, the MIC5365/6
offers 2% initial accuracy, low dropout voltage (155mV @
150mA), and low ground current (typically 29µA). The
MIC5365/6 can also be put into a zero-off-mode current
state, drawing virtually no current when disabled.
The MIC5365/6 is available in several advanced packages
including a lead-free (RoHS compliant) 1mm x 1mm Thin
MLF
® occupying only 1mm2 of PCB area, a 75% reduction
in board area compared to SC-70 and 2mm x 2mm MLF
®
packages. It is also availabe in an SC-70-5 package.
The MIC5365/6 has an operating junction temperature
range of –40°C to 125°C.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• Tiny 1mm x 1mm Thin MLF® and SC-70-5 packages
• Input voltage range: 2.5V to 5.5V
• 150mA guaranteed output current
• Stable with 1µF ceramic output capacitors
• Low dropout voltage – 155mV @ 150mA
• Excellent Load/Line Transient Response
• Low quiescent current – 29µA
• High PSRR – 70dB
• Output discharge circuit – MIC5366
• High output accuracy
±2% initial accuracy
• Thermal shutdown and current limit protection
Applications
• Mobile phones
• Digital cameras
• GPS, PDAs, PMP, handhelds
• Portable electronics
___________________________________________________________________________________________________________
Typical Application
VOUT
MIC5365/6-xxYMT
VIN
EN
GND
1µF
1µF
VBAT
- Proc I/O
- Vibrator motor
- Rx/Synth


Similar Part No. - MIC5366-2.6YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5366 MICREL-MIC5366 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
More results

Similar Description - MIC5366-2.6YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
   High Performance Low Dropout 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com