Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5321-GGYMT Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5321-GGYMT
Description  Dual, High Performance 150mA 關Cap ULDO?
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5321-GGYMT Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5321-GGYMT Datasheet HTML 1Page - Micrel Semiconductor MIC5321-GGYMT Datasheet HTML 2Page - Micrel Semiconductor MIC5321-GGYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5321-GGYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5321-GGYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5321-GGYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5321-GGYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5321-GGYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5321-GGYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Micrel, Inc.
MIC5321
May 2008
3
M9999-051508-E
Part number
Manufacturing
Part Number
Marking*
Voltage**
Junction
Temp. Range
Package
MIC5321-1.8/1.5YD6
MIC5321-GFYD6
QBGF
1.8V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-1.8/1.8YD6
MIC5321-GGYD6
QBGG
1.8V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-1.8/1.6YD6
MIC5321-GWYD6***
QBGW
1.8V/1.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.5/1.8YD6
MIC5321-JGYD6***
QBJG
2.5V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.5/2.5YD6
MIC5321-JJYD6***
QBJJ
2.5V/2.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.6/1.85YD6
MIC5321-KDYD6***
QBKD
2.6V/1.85
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.6/1.8YD6
MIC5321-KGYD6***
QBKG
2.6V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.7/2.7YD6
MIC5321-LLYD6
QBLL
2.7V/2.7V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.8/1.5YD6
MIC5321-MFYD6
QBMF
2.8V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.8/1.8YD6
MIC5321-MGYD6
QBMG
2.8V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.8/2.6YD6
MIC5321-MKYD6
QBMK
2.8V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.8/2.8YD6
MIC5321-MMYD6
QBMM
2.8V/2.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.85/1.85YD6
MIC5321-NDYD6***
QBND
2.85V/1.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.85/2.6YD6
MIC5321-NKYD6***
QBNK
2.85V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.85/2.85YD6
MIC5321-NNYD6***
QBNN
2.85V/2.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.9/1.5YD6
MIC5321-OFYD6***
QBOF
2.9V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.9/1.8YD6
MIC5321-OGYD6***
QBOG
2.9V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-2.9/2.9YD6
MIC5321-OOYD6***
QBOO
2.9V/2.9V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/1.8YD6
MIC5321-PGYD6
QBPG
3.0V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/2.5YD6
MIC5321-PJYD6***
QBPJ
3.0V/2.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/2.6YD6
MIC5321-PKYD6***
QBPK
3.0V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/2.8YD6
MIC5321-PMYD6***
QBPM
3.0V/2.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/2.85YD6
MIC5321-PNYD6***
QBPN
3.0V/2.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.0/3.0YD6
MIC5321-PPYD6
QBPP
3.0V/3.0V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/1.5YD6
MIC5321-SFYD6***
QBSF
3.3V/1.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/1.8YD6
MIC5321-SGYD6***
QBSG
3.3V/1.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.5YD6
MIC5321-SJYD6
QBSJ
3.3V/2.5V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.6YD6
MIC5321-SKYD6***
QBSK
3.3V/2.6V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.7YD6
MIC5321-SLYD6***
QBSL
3.3V/2.7V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.8YD6
MIC5321-SMYD6***
QBSM
3.3V/2.8V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.85YD6
MIC5321-SNYD6***
QBSN
3.3V/2.85V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/2.9YD6
MIC5321-SOYD6***
QBSO
3.3V/2.9V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/3.0YD6
MIC5321-SPYD6***
QBSP
3.3V/3.0V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/3.2YD6
MIC5321-SRYD6***
QBSR
3.3V/3.2V
–40°C to +125°C
6-Pin TSOT-23
MIC5321-3.3/3.3YD6
MIC5321-SSYD6
QBSS
3.3V/3.3V
–40°C to +125°C
6-Pin TSOT-23
Notes
* Under bar ( _ )/Over bar ( ¯ ) symbol may not be to scale. Thin MLF (MT) package Pin 1 identified = ▲.
** For other voltages available. Contact Micrel for more details.
*** Contact Micrel Marketing for availability.


Similar Part No. - MIC5321-GGYMT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5321-GGYMT-TR MICROCHIP-MIC5321-GGYMT-TR Datasheet
2Mb / 26P
   High-Performance, Dual 150 mA 關Cap Ultra-Low Dropout Regulator
Revision A (May 2022)
More results

Similar Description - MIC5321-GGYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5320 MICREL-MIC5320_11 Datasheet
473Kb / 13P
   High-Performance Dual 150mA 關Cap ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301 Datasheet
406Kb / 11P
   Single, 150mA 關Cap ULDO?
MIC5301 MICREL-MIC5301_08 Datasheet
419Kb / 11P
   Single, 150mA 關Cap ULDO
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5318 MICREL-MIC5318_10 Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO
MIC5318YD5-TR MICREL-MIC5318YD5-TR Datasheet
313Kb / 11P
   High Performance 300mA 關Cap ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com