Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5163YMM Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5163YMM
Description  Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5163YMM Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5163YMM Datasheet HTML 1Page - Micrel Semiconductor MIC5163YMM Datasheet HTML 2Page - Micrel Semiconductor MIC5163YMM Datasheet HTML 3Page - Micrel Semiconductor MIC5163YMM Datasheet HTML 4Page - Micrel Semiconductor MIC5163YMM Datasheet HTML 5Page - Micrel Semiconductor MIC5163YMM Datasheet HTML 6Page - Micrel Semiconductor MIC5163YMM Datasheet HTML 7Page - Micrel Semiconductor MIC5163YMM Datasheet HTML 8Page - Micrel Semiconductor MIC5163YMM Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Micrel, Inc.
MIC5163
April 2009
4
M9999-042209-A
7. Start-up time is defined as the amount of time from EN = VCC to HSD = 90% of VCC
Test Circuit
COUT = 3*560µF
EN
470pF
10k
VDDQ = 0.75-2.5V
MIC5163
VDDQ
HD
COMP
EN
VREF
GND
SUD50N02-06P
VTT = 0.5*VDDQ
10µF
120pF
VCC
LD
FB
220µF
VCC = 5V
Figure 1. Test Circuit


Similar Part No. - MIC5163YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5163YMM MICREL-MIC5163YMM Datasheet
452Kb / 15P
   Dual Regulator Controller
More results

Similar Description - MIC5163YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5165 MICREL-MIC5165 Datasheet
973Kb / 24P
   Dual Regulator Controller for DDR3 GDDR3/4/5 Memory Termination
MIC5164 MICREL-MIC5164 Datasheet
1Mb / 23P
   Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
MIC5162 MICREL-MIC5162_10 Datasheet
1Mb / 24P
   Dual Regulator Controller for DDR3 GDDR3/4/5 Memory and High-Speed Bus Termination
logo
Rohm
BD3538FVM ROHM-BD3538FVM Datasheet
126Kb / 5P
   Regulator IC for Memory Termination
BD3532F ROHM-BD3532F Datasheet
231Kb / 6P
   Regulator IC for Memory Termination
BD3531F ROHM-BD3531F Datasheet
227Kb / 6P
   Regulator IC for Memory termination
BD3533F ROHM-BD3533F Datasheet
253Kb / 6P
   Regulator IC for Memory termination
BD3533FVM ROHM-BD3533FVM Datasheet
253Kb / 6P
   Regulator IC for Memory Termination
BD3533HFN ROHM-BD3533HFN Datasheet
385Kb / 6P
   Regulator IC for Memory termination
logo
Linear Technology
LTC3831 LINER-LTC3831 Datasheet
236Kb / 20P
   High Power Synchronous Switching Regulator Controller for DDR Memory Termination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com