Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5202-5.0BM Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5202-5.0BM
Description  Dual 100mA Low-Dropout Regulator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5202-5.0BM Datasheet(HTML) 6 Page - Micrel Semiconductor

  MIC5202-5.0BM Datasheet HTML 1Page - Micrel Semiconductor MIC5202-5.0BM Datasheet HTML 2Page - Micrel Semiconductor MIC5202-5.0BM Datasheet HTML 3Page - Micrel Semiconductor MIC5202-5.0BM Datasheet HTML 4Page - Micrel Semiconductor MIC5202-5.0BM Datasheet HTML 5Page - Micrel Semiconductor MIC5202-5.0BM Datasheet HTML 6Page - Micrel Semiconductor MIC5202-5.0BM Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
MIC5202
Micrel
MIC5202
6
March 2006
Thermal Considerations
Applications Information
External Capacitors
A1µF capacitor is recommended between the MIC5202 output
and ground to prevent oscillations due to instability. Larger val-
ues serve to improve the regulator’s transient response. Most
types of tantalum or aluminum electrolytics will be adequate;
film types will work, but are costly and therefore not recom-
mended. Many aluminum electrolytics have electrolytes that
freeze at about –30°C, so solid tantalums are recommended
for operation below –25°C. The important parameters of the
capacitor are an effective series resistance of about 5Ω or
less and a resonant frequency above 500kHz. The value of
this capacitor may be increased without limit.
At lower values of output current, less output capacitance is
required for output stability. The capacitor can be reduced to
0.47µF for current below 10mA or 0.33µF for currents below
1 mA. A 1µF capacitor should be placed from the MIC5202
input to ground if there is more than 10 inches of wire be-
tween the input and the AC filter capacitor or if a battery is
used as the supply.
ENABLE Input
The MIC5202 features nearly zero OFF mode current. When
the ENABLE input is held below 0.7V, all internal circuitry is
powered off. Pulling this pin high (over 2.0V) re-enables the
device and allows operation. The ENABLE pin requires a small
amount of current, typically 15µA. While the logic threshold
is TTL/CMOS compatible, ENABLE may be pulled as high
as 30V, independent of the voltage on V
IN. The two portions
of the MIC5202 may be enabled separately.
General Notes
The MIC5202 will remain stable and in regulation with no
load in addition to the internal voltage divider, unlike many
other voltage regulators.
This is especially important in
CMOS RAM keep-alive applications. Thermal shutdown is
independant on both halfs of the dual MIC5202, however an
over-temperature condition on one half might affect the other
because of proximity. When used in dual supply systems
where the regulator load is returned to a negative supply, the
output voltage must be diode clamped to ground.
Both MIC5202 GROUND pins must be tied to the same ground
potential. Isolation between the two halfs allows connecting
the two V
IN pins to different supplies.
PC Board
θ
JA
Dielectric
FR4
160°C/W
Ceramic
120°C/W
Multi-layer boards having a ground plane, wide traces near
the pads, and large supply bus lines provide better thermal
conductivity.
The “worst case” value of 160°C/W assumes no ground plane,
minimum trace widths, and a FR4 material board.
Part II. Nominal Power Dissipation and Die Tempera-
ture
The MIC5202-xxBM at a 25°C ambient temperature will oper-
ate reliably at up to 625mW power dissipation when mounted
in the “worst case” manner described above. At an ambient
temperature of 55°C, the device may safely dissipate 440mW.
These power levels are equivalent to a die temperature of
125°C, the recommended maximum temperature for non-
military grade silicon integrated circuits.
Part I. Layout
The MIC5202-xxBM (8-pin surface mount package) has the
following thermal characteristics when mounted on a single
layer copper-clad printed circuit board.
245 mil
30 mil
50 mil
50 mil
150 mil
Minimum recommended board pad size, SO-8.


Similar Part No. - MIC5202-5.0BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5202-5.0BM MICREL-MIC5202-5.0BM Datasheet
85Kb / 6P
   Dual 100mA Low-Dropout Voltage Regulator Preliminary Information
More results

Similar Description - MIC5202-5.0BM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_13 Datasheet
1Mb / 10P
   Dual, 100mA Low-Dropout Regulator
logo
Texas Instruments
REG101-25 TI1-REG101-25 Datasheet
797Kb / 23P
[Old version datasheet]   100mA Low-Dropout Regulator
logo
Micrel Semiconductor
MIC5200 MICREL-MIC5200_05 Datasheet
179Kb / 10P
   100mA Low-Dropout Regulator
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
581Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
   Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
logo
Analog Intergrations Co...
AIC1720 AIC-AIC1720 Datasheet
181Kb / 5P
   100mA Low Dropout Linear Regulator
logo
Micrel Semiconductor
LP2950 MICREL-LP2950 Datasheet
135Kb / 14P
   100mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX2931 SIPEX-SPX2931 Datasheet
85Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
Texas Instruments
REG101 TI-REG101_05 Datasheet
400Kb / 18P
[Old version datasheet]   DMOS 100mA Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS2931 ADMOS-AMS2931_08 Datasheet
78Kb / 9P
   100mA LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com