Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMISS212D500 Datasheet(PDF) 2 Page - Tyco Electronics

Part # OMISS212D500
Description  2 Pole Miniature 2 Pole Miniature
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

OMISS212D500 Datasheet(HTML) 2 Page - Tyco Electronics

  OMISS212D500 Datasheet HTML 1Page - Tyco Electronics OMISS212D500 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
461
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03
Reference Data
Wiring Diagram (Bottom View)
Outline Dimensions
Coil Temperature Rise
Operate Time
Life Expectancy
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
OMI
-SS
-2
12
L
M
,594
1. Basic Series:
OMI = 2 Pole Miniature Power PC Board Relay.
2. Enclosure:
SS = Vent (Flux-tight)* plastic cover.
SH = Sealed, plastic case.
3. Termination:
2 = 2 pole
4. Coil Voltage:
05 = 5VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
5. Coil Input:
D = Standard (720mW)
L = Sensitive (540mW)
6. Contact Arrangement:
Blank = 2 Form C, DPDT
M = 2 Form A, DPST-NO
7. Suffix:
,500 = Standard model for "SS" enclosure
,594 = Standard model for "SH" enclosure
Other Suffix = Custom model
* Not suitable for immersion cleaning processes.
12
10
8
6
4
2
0.2
0.4
0.6
0.8
1.0
1.2
Coil Power (W)
Release Time
Operate Time
1.4
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Coil Power (W)
60
50
40
30
20
10
0.8
100
Contact Curr ent (A)
10
1
01
2
3
4
5
240VAC, 24VDC
Resistive
.024
c
(.60)
.100
± .008
(2.55
± .2)
.012
(.3)
.157
± .012
(4.0
± .3)
.2
(5.08)
.039
(1.0)
.039
(1.0)
1.15
± .02
(29.2
± .5)
.144
(.067)
.30
± .008
(7.6
± .2)
.811
± .02
(20.6
± .5)
.504
± .02
(12.8
± .5)
.012
(.3)
.6
(15.24)
.2
(5.08)
.012
(.3)
.2
(5.08)
2 – .039 DIA
(1.0)
.600
(15.24)
.30
± .004
(7.6
± .1)
.2
(5.08)
6 – .059 DIA
(1.5)
OMI-SH-205D,594
OMI-SH-212D,594
OMI-SH-224D,594
Our authorized distributors are more likely to stock the following items for immediate delivery.
OMI-SH-205L,594
OMI-SH-212L,594
OMI-SH-224L,594


Similar Part No. - OMISS212D500

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
OMISS105D MACOM-OMISS105D Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
OMISS105D300 MACOM-OMISS105D300 Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
OMISS105D394 MACOM-OMISS105D394 Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
OMISS105DM MACOM-OMISS105DM Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
OMISS105DM300 MACOM-OMISS105DM300 Datasheet
118Kb / 2P
   16A Miniature Power PC Board Relay
More results

Similar Description - OMISS212D500

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2031-XXT BOURNS-2031-XXT Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
logo
C&K Components
DM21J12S205DQ CK-COMPONENTS-DM21J12S205DQ Datasheet
1Mb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
Bourns Electronic Solut...
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF_11 Datasheet
235Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2031-42T-SMLF BOURNS-2031-42T-SMLF_15 Datasheet
309Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
2035-2037-09 BOURNS-2035-2037-09_15 Datasheet
416Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
logo
ITT Industries
DM21J12S205Q ITT-DM21J12S205Q Datasheet
349Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
C&K Components
DM CK-COMPONENTS-DM Datasheet
851Kb / 8P
   Miniature 2 Pole Power Rocker Switches
15 May 20
DM62J12S205PQ CK-COMPONENTS-DM62J12S205PQ Datasheet
253Kb / 4P
   Miniature 2 Pole Power Rocker Switches
logo
Bourns Electronic Solut...
2031-23T-SM-RPLF BOURNS-2031-23T-SM-RPLF Datasheet
236Kb / 2P
   Miniature 2-Pole Gas Discharge Tube
logo
Tyco Electronics
2-1440001-1 MACOM-2-1440001-1 Datasheet
123Kb / 2P
   2 Pole Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com