Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5366-3.0YMT Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5366-3.0YMT
Description  High Performance Single 150mA LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5366-3.0YMT Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5366-3.0YMT Datasheet HTML 1Page - Micrel Semiconductor MIC5366-3.0YMT Datasheet HTML 2Page - Micrel Semiconductor MIC5366-3.0YMT Datasheet HTML 3Page - Micrel Semiconductor MIC5366-3.0YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5366-3.0YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5366-3.0YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5366-3.0YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5366-3.0YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5366-3.0YMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Micrel, Inc.
MIC5365/6
September 2009
3
M9999-090109-C
Ordering Information
Part Number
Marking
Code
Output
Voltage
Temperature Range
Package
Lead Finish
MIC5365-1.0YMT
5C
1.0V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-1.2YMT
54
1.2V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-1.3YMT
55
1.3V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-1.5YMT
5F
1.5V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-1.8YMT
5G
1.8V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.0YMT
5H
2.0V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.5YMT
5J
2.5V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.6YMT
5K
2.6V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.7YMT
5L
2.7V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.8YMT
5M
2.8V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.85YMT
5N
2.85V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-2.9YMT
5O
2.9V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-3.0YMT
5P
3.0V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-3.1YMT
5Q
3.1V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-3.3YMT
5S
3.3V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5365-1.0YC5
65C
1.0V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-1.2YC5
654
1.2V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-1.3YC5
655
1.3V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-1.5YC5
65F
1.5V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-1.8YC5
65G
1.8V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.0YC5
65H
2.0V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.5YC5
65J
2.5V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.6YC5
65K
2.6V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.7YC5
65L
2.7V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.8YC5
65M
2.8V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.85YC5
65N
2.85V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-2.9YC5
65O
2.9V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-3.0YC5
65P
3.0V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5365-3.3YC5
65S
3.3V
–40°C to +125°C
SC-70-5
Pb-Free
MIC5366-1.0YMT*
6C
1.0V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-1.2YMT*
64
1.2V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-1.3YMT*
65
1.3V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-1.5YMT*
6F
1.5V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-1.8YMT*
6G
1.8V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-2.0YMT*
6H
2.0V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-2.5YMT*
6J
2.5V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-2.6YMT*
6K
2.6V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-2.7YMT*
6L
2.7V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-2.8YMT*
6M
2.8V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-2.85YMT*
6N
2.85V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-2.9YMT*
6O
2.9V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-3.0YMT*
6P
3.0V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free
MIC5366-3.3YMT*
6S
3.3V
–40°C to +125°C
4-Pin 1mm x 1mm Thin MLF
®
Pb-Free


Similar Part No. - MIC5366-3.0YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5366 MICREL-MIC5366 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
More results

Similar Description - MIC5366-3.0YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
   High Performance Low Dropout 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com