Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5190 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5190
Description  Ultra High-Speed, High-Current Active Filter/LDO Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5190 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5190_04 Datasheet HTML 3Page - Micrel Semiconductor MIC5190_04 Datasheet HTML 4Page - Micrel Semiconductor MIC5190_04 Datasheet HTML 5Page - Micrel Semiconductor MIC5190_04 Datasheet HTML 6Page - Micrel Semiconductor MIC5190_04 Datasheet HTML 7Page - Micrel Semiconductor MIC5190_04 Datasheet HTML 8Page - Micrel Semiconductor MIC5190_04 Datasheet HTML 9Page - Micrel Semiconductor MIC5190_04 Datasheet HTML 10Page - Micrel Semiconductor MIC5190_04 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
MIC5190
Micrel
Applications Information
Designing with the MIC5190
Anatomy of a transient response
The measure of a regulator is how accurately and effectively
it can maintain a set output voltage, regardless of the load's
power demands. One measure of regulator response is the
load step. The load step gauges how the regulator responds
to a change in load current. Figure 2 is a look at the transient
response to a load step.
Figure 2. Typical Transient Response
At the start of a circuit's power demand, the output voltage is
regulated to its set point, while the load current runs at a
constant rate. For many different reasons, a load may ask for
more current without warning. When this happens, the regu-
lator needs some time to determine the output voltage drop.
This is determined by the speed of the control loop. So, until
enough time has elapsed, the control loop is oblivious to the
voltage change. The output capacitor must bear the burden
of maintaining the output voltage.
Since this is a sudden change in voltage, the capacitor will try
to maintain voltage by discharging current to the output. The
first voltage drop is due to the output capacitor's ESL (equiva-
lent series inductance). The ESL will resist a sudden change
in current from the capacitor and drop the voltage quickly. The
amount of voltage drop during this time will be proportional to
the output capacitor's ESL and the speed at which the load
steps. Slower load current transients will reduce this effect.
Placing multiple small capacitors with low ESL in parallel can
help reduce the total ESL and reduce voltage droop during
high speed transients. For high speed transients, the greatest
voltage deviation will generally be caused by output capacitor
ESL and parasitic inductance.
After the current has overcome the effects of the ESL, the
output voltage will begin to drop proportionally to time and
inversely proportional to output capacitance.
Output voltage variation will depend on two factors: loop
bandwidth and output capacitance. The output capacitance
will determine how far the voltage will fall over a given time.
With more capacitance, the drop in voltage will fall at a
decreased rate. This is the reason that more capacitance
provides a better transient response for the same given
bandwidth.
The time it takes for the regulator to respond is directly
proportional to its bandwidth gain. Higher bandwidth control
loops respond quicker causing a reduced drop on the supply
for the same amount of capacitance.
Final recovery back to the regulated voltage is the final phase
of transient response and the most important factors are gain
and time. Higher gain at higher frequency will get the output
voltage closer to its regulation point quicker. The final settling
point will be determined by the load regulation, which is
proportional to DC (0Hz) gain and the associated loss terms.
There are other factors that contribute to large signal tran-
sient response, such as source impedance, phase margin,
and PSRR. For example, if the input voltage drops due to
source impedance during a load transient, this will contribute
to the output voltage deviation by filtering through to the
output reduced by the loops PSRR at the frequency of the
voltage transient. It is straightforward: good input capaci-
tance reduces the source impedance at high frequencies.
Having between 35
° and 45° of phase margin will help speed
up the recovery time. This is caused by the initial overshoot
in response to the loop sensing a low voltage.
Compensation
The MIC5190 has the ability to externally control gain and
bandwidth. This allows the MIC5190 design to be individually
tailored for different applications.
In designing the MIC5190, it is important to maintain ad-
equate phase margin. This is generally achieved by having
the gain cross the 0dB point with a single pole 20dB/decade
roll-off. The compensation pin is configured as Figure 3
demonstrates.
Error Amplifier
Driver
3.42M
20pF
Internal
External
Comp
Figure 3. Internal Compensation
∆ V L
di
dt
=
∆V
C
idt
=∫
1
∆V
C
idt
↓=
1
∆V
C
idt
↓= ∫
1
∆V
L
di
dt
↓=
∆V
L
di
dt
↓= ↓
Time
idt
C
V =
1
BW
1
Output voltage vs. time
during recovery is
directly proportional to
gain vs. frequency.
∆ V = L
di
dt
December 2005
7
M9999-120105


Similar Part No. - MIC5190_04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5190 MICREL-MIC5190 Datasheet
169Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
More results

Similar Description - MIC5190_04

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5191 MICREL-MIC5191_06 Datasheet
849Kb / 15P
   Ultra High-Speed, High-Current Active Filter / LDO Controller
MIC5191 MICREL-MIC5191 Datasheet
182Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5190 MICREL-MIC5190 Datasheet
169Kb / 13P
   Ultra High-Speed, High-Current Active Filter/LDO Controller
MIC5191 MICREL-MIC5191_11 Datasheet
850Kb / 15P
   Ultra High-Speed, High-Current Active Filter / LDO Controller
MIC59300 MICREL-MIC59300 Datasheet
443Kb / 15P
   Ultra High Speed 3A LDO
logo
Torex Semiconductor
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
logo
Hittite Microwave Corpo...
HMC980LP4E_1109 HITTITE-HMC980LP4E_1109 Datasheet
1Mb / 22P
   ACTIVE BIAS CONTROLLER HIGH CURRENT
logo
Micrel Semiconductor
MIC59150 MICREL-MIC59150 Datasheet
277Kb / 12P
   Ultra High Speed 1.5A LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com