Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5252-1.8YM5 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5252-1.8YM5
Description  150mA High PSRR, Low Noise 關Cap CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5252-1.8YM5 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5252-1.8YM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5252-1.8YM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5252-1.8YM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5252-1.8YM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5252-1.8YM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5252-1.8YM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5252-1.8YM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5252-1.8YM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5252-1.8YM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MIC5252
Micrel, Inc.
February 2005
1
M9999-020305
General Description
The MIC5252 is an efficient, precise CMOS voltage regulator
optimized for ultra-low-noise applications. It offers 1% initial
accuracy, extremely-low dropout voltage (135mV at 150mA)
and low ground current (typically 90µA). The MIC5252
provides a very-low-noise output, ideal for RF applications
where a clean voltage source is required. The MIC5252 has
a high PSRR even at low supply voltages, critical for battery
operated electronics. A noise bypass pin is also available for
further reduction of output noise.
Designed specifically for handheld and battery-powered
devices, the MIC5252 provides a TTL-logic-compatible en-
able pin. When disabled, power consumption drops nearly
to zero.
The MIC5252 also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power
applications, critical in handheld wireless devices.
Key features include current limit, thermal shutdown, faster
transient response, and an active clamp to speed up device
turn-off. The MIC5252 is available in the 6-pin 2mm × 2mm
MLF™ package and the IttyBitty® SOT-23-5 package in a
wide range of output voltages.
Typical Application
C OUT = 1.0µF
C IN = 1.0µF
Ceramic
Ceramic
1
5
2
3
4
C BYP = 0.01µF
Enable
Shutdown
EN
VOUT
MIC5252-x.xBM5
EN (pin 3) may be
connected directly
to IN (pin 1).
VIN
MIC5252
150mA High PSRR, Low Noise µCap CMOS LDO
Features
• Input voltage range: 2.7V to 6.0V
• PSRR = 50dB @ VO + 0.3V
• Ultra-low output noise: 30µV(rms)
• Stability with ceramic output capacitors
• Ultra-low dropout: 135mV @ 150mA
• High output accuracy:
1.0% initial accuracy
2.0% over temperature
• Low quiescent current: 90µA
• Tight load and line regulation
• TTL-Logic-controlled enable input
• “Zero” off-mode current
• Thermal shutdown and current limit protection
Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• Consumer/personal electronics
Micrel, Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
IttyBitty is a registered trademark of Micrel, Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology.
MIC5252-x.xBML
1
EN
6
CBYP
(optional)
VIN
VOUT
COUT
5
4
2
3
ENABLE
SHUTDOWN
Ultra-Low-Noise Regulator Application


Similar Part No. - MIC5252-1.8YM5

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MIC5252-1.8YM5-TR MICROCHIP-MIC5252-1.8YM5-TR Datasheet
2Mb / 22P
   150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
More results

Similar Description - MIC5252-1.8YM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5259 MICREL-MIC5259_06 Datasheet
1Mb / 11P
   300mA High PSRR, Low Noise 關Cap CMOS LDO
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
MIC5255 MICREL-MIC5255_06 Datasheet
953Kb / 13P
   150mA Low Noise Cap CMOS LDO
logo
Microchip Technology
MIC5252 MICROCHIP-MIC5252 Datasheet
2Mb / 22P
   150 mA High PSRR, Low Noise 關Cap CMOS LDO
09/14/21
MIC2215 MICROCHIP-MIC2215_V01 Datasheet
1Mb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
09/14/21
logo
Micrel Semiconductor
MIC2215 MICREL-MIC2215_07 Datasheet
838Kb / 11P
   Triple High PSRR, Low Noise 關Cap LDO
logo
Microchip Technology
MIC2215 MICROCHIP-MIC2215 Datasheet
528Kb / 22P
   High PSRR, Low Noise 關Cap Triple LDO
05/14/19
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8833AEIV300 AME-AME8833AEIV300 Datasheet
292Kb / 14P
   High PSRR, 150mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com