Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5235-1.5BM5 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # MIC5235-1.5BM5
Description  Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5235-1.5BM5 Datasheet(HTML) 5 Page - Micrel Semiconductor

  MIC5235-1.5BM5 Datasheet HTML 1Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5235-1.5BM5 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Micrel, Inc.
MIC5235
May 2008
5
M9999-051508
Typical Characteristics (continued)
0
20
40
60
80
100
120
-20
-10
0
10
SUPPLY VOLTAGE (V)
Input Current
vs. Supply Voltage
V
EN =5V
R
LOAD =30
2.95
2.96
2.97
2.98
2.99
3
3.01
3.02
3.03
3.04
3.05
-40 -20 02 04 06 08 0 100 120
TEMPERATURE (°C)
Output Voltage
vs. Temperature
I
LOAD = 100 µA
0
50
100
150
200
250
300
350
400
-40 -20 02 04 06 08 0 100 120
TEMPERATURE (°C)
Short Circuit Current
vs. Temperature
V
IN =4V
VIN = 4V
150mA
0mA
VOUT = 3V
COUT = 4.7µF ceramic


Similar Part No. - MIC5235-1.5BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5235-1.5BM5 MICREL-MIC5235-1.5BM5 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
More results

Similar Description - MIC5235-1.5BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5238 MICREL-MIC5238_09 Datasheet
1Mb / 12P
   Ultra-Low Quiescent Current, 150mA 關Cap LDO Regulator
logo
Texas Instruments
LM9076 TI1-LM9076 Datasheet
1Mb / 20P
[Old version datasheet]   150mA Ultra-Low Quiescent Current LDO Regulator
logo
Micrel Semiconductor
MIC5225 MICREL-MIC5225 Datasheet
221Kb / 9P
   Ultra-Low Quiescent Current 150mA 關Cap Low Dropout Regulator
MIC5236 MICREL-MIC5236_05 Datasheet
250Kb / 12P
   Low Quiescent Current 關Cap LDO Regulator
MIC5238 MICREL-MIC5238 Datasheet
120Kb / 10P
   Ultra-Low Quiescent Current, 150mA uCap LDO Regulator
MIC5235 MICREL-MIC5235 Datasheet
65Kb / 9P
   Ultra-Low Quiescent Current, 150mA UCap LDO Regulator
MIC5305 MICREL-MIC5305_07 Datasheet
350Kb / 12P
   150mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Analog Intergrations Co...
AIC1701 AIC-AIC1701 Datasheet
669Kb / 15P
   150mA, 3關A Ultra Low Quiescent Current LDO Voltage Regulator
logo
Micrel Semiconductor
MIC5295 MICREL-MIC5295_09 Datasheet
279Kb / 11P
   Low Quiescent Current, 150mA LDO Regulator
MIC5234 MICREL-MIC5234_11 Datasheet
680Kb / 16P
   Low-Quiescent Current 150mA LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com