Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5250-3.0BMM Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5250-3.0BMM
Description  Dual 150mA 關Cap CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5250-3.0BMM Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5250-3.0BMM Datasheet HTML 3Page - Micrel Semiconductor MIC5250-3.0BMM Datasheet HTML 4Page - Micrel Semiconductor MIC5250-3.0BMM Datasheet HTML 5Page - Micrel Semiconductor MIC5250-3.0BMM Datasheet HTML 6Page - Micrel Semiconductor MIC5250-3.0BMM Datasheet HTML 7Page - Micrel Semiconductor MIC5250-3.0BMM Datasheet HTML 8Page - Micrel Semiconductor MIC5250-3.0BMM Datasheet HTML 9Page - Micrel Semiconductor MIC5250-3.0BMM Datasheet HTML 10Page - Micrel Semiconductor MIC5250-3.0BMM Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MIC5250
Micrel
June 2003
7
MIC5250
Block Diagrams
Reference
Voltage
Startup/
Shutdown
Control
ENA
Quickstart/
Noise
Cancellation
Under-
voltage
Lockout
Thermal
Sensor
INA
FAULT
Error
Amplifier
Current
Amplifier
GNDA
BYPA
OUTA
ACTIVE SHUTDOWN
PULL
UP
PULL
DOWN
Reference
Voltage
Startup/
Shutdown
Control
ENB
Quickstart/
Noise
Cancellation
Under-
voltage
Lockout
Thermal
Sensor
INB
FAULT
Error
Amplifier
Current
Amplifier
GNDB
BYPB
OUTB
ACTIVE SHUTDOWN
PULL
UP
PULL
DOWN
Crosstalk
Characteristics
V
OUTA = 3.3V
C
OUTA = 10µF
C
BYPA = 0
V
IN = 4.3V
common supply
V
OUTB = 3.3V
C
OUTB = 10µF
C
BYPB = 0
I
LOAD = 100µA
TIME (25
µs/div.)
I
LOAD = 150mA
I
LOAD = 100µA
Crosstalk
Characteristics
TIME (25
µs/div.)
V
OUTA = 3.3V
C
OUTA = 10µF
C
BYPA = 0
V
IN = 4.3V
separate supplies
V
OUTB = 3.3V
C
OUTB = 10µF
C
BYPB = 0
I
LOAD = 100µA
I
LOAD = 150mA
I
LOAD = 100µA


Similar Part No. - MIC5250-3.0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5250-3.0BMM MICREL-MIC5250-3.0BMM Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
More results

Similar Description - MIC5250-3.0BMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268_06 Datasheet
556Kb / 8P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5248 MICREL-MIC5248_06 Datasheet
258Kb / 10P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com