Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5250 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5250
Description  Dual 150mA 關Cap CMOS LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5250 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5250_03 Datasheet HTML 1Page - Micrel Semiconductor MIC5250_03 Datasheet HTML 2Page - Micrel Semiconductor MIC5250_03 Datasheet HTML 3Page - Micrel Semiconductor MIC5250_03 Datasheet HTML 4Page - Micrel Semiconductor MIC5250_03 Datasheet HTML 5Page - Micrel Semiconductor MIC5250_03 Datasheet HTML 6Page - Micrel Semiconductor MIC5250_03 Datasheet HTML 7Page - Micrel Semiconductor MIC5250_03 Datasheet HTML 8Page - Micrel Semiconductor MIC5250_03 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5250
Micrel
June 2003
1
MIC5250
General Description
The MIC5250 is an efficient, precise dual CMOS voltage
regulator optimized for ultra-low-noise applications. The
MIC5250 offers better than 1% initial accuracy, extremely low
dropout voltage (typically 150mV at 150mA) and constant
ground current over load (typically 100
µA). The MIC5250
provides a very-low-noise output, ideal for RF applications
where quiet voltage sources are required. A noise bypass pin
is also available for further reduction of output noise.
Designed specifically for hand-held and battery-powered
devices, the MIC5250 provides TTL logic compatible enable
pins. When disabled, power consumption drops nearly to
zero.
The MIC5250 also works with low-ESR ceramic capacitors,
reducing the amount of board space necessary for power
applications, critical in hand-held wireless devices.
Key features include current limit, thermal shutdown, push-
pull outputs for faster transient response, and active clamps
to speed up device turnoff. Available in the 10-lead MSOP
(micro-shrink-outline package), the MIC5250 also offers a
range of fixed output voltages.
Typical Application
CBYPB
(optional)
COUTB
INA
OUTA
BYPA
GNDA
OUTB
BYPB
GNDB
ENA
INB
ENB
3.3V
VINA
VINB
3.3V
MIC5250-3.3BMM
CBYPA
(optional)
COUTA
ENABLE
SHUTDOWN
ENABLE
SHUTDOWN
ENA may be connected directly to INA.
ENB may be connected directly to INB.
GNDA and GND B may be connected to
isolated grounds or the same ground.
10
1
3
8
4
6
2
9
7
5
Dual Ultra-Low-Noise Regulator Circuit
MIC5250
Dual 150mA
µCap CMOS LDO Regulator
OBSOLETE
Features
• Ultralow dropout—100mV @ 100mA
• Ultralow noise—30
µV(rms)
• Stability with ceramic, tantalum, or aluminum electrolytic
capacitors
• Load independent, ultralow ground current
• 150mA output current
• Current limiting
• Thermal Shutdown
• Tight load and line regulation
• “Zero” off-mode current
• Fast transient response
• TTL-Logic-controlled enable input
Applications
• Cellular phones and pagers
• Cellular accessories
• Battery-powered equipment
• Laptop, notebook, and palmtop computers
• PCMCIA V
CC and VPP regulation/switching
• Consumer/personal electronics
• SMPS post-regulator/dc-to-dc modules
• High-efficiency linear power supplies
Micrel, Inc. • 1849 Fortune Drive • San Jose, CA 95131 • USA • tel + 1 (408) 944-0800 • fax + 1 (408) 944-0970 • http://www.micrel.com
Ordering Information
Part Number
Voltage
Junction Temp. Range
Package
MIC5250-2.7BMM
2.7V
–40
°C to +125°C
10-lead MSOP
MIC5250-2.8BMM
2.8V
–40
°C to +125°C
10-lead MSOP
MIC5250-3.0BMM
3.0V
–40
°C to +125°C
10-lead MSOP
MIC5250-3.3BMM
3.3V
–40
°C to +125°C
10-lead MSOP
Other voltages available. Contact Micrel for details.


Similar Part No. - MIC5250_03

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5250-2.7BMM MICREL-MIC5250-2.7BMM Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250-2.8BMM MICREL-MIC5250-2.8BMM Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250-3.0BMM MICREL-MIC5250-3.0BMM Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5250-3.3BMM MICREL-MIC5250-3.3BMM Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
More results

Similar Description - MIC5250_03

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5245 MICREL-MIC5245_02 Datasheet
129Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5246 MICREL-MIC5246_02 Datasheet
53Kb / 12P
   150mA 關Cap CMOS LDO Regulator
MIC5264 MICREL-MIC5264_06 Datasheet
337Kb / 11P
   150mA 關Cap Dual LDO Regulator
MIC5250 MICREL-MIC5250 Datasheet
168Kb / 12P
   Dual 150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5265 MICREL-MIC5265_07 Datasheet
320Kb / 11P
   150mA 關Cap LDO Regulator
MIC5245 MICREL-MIC5245 Datasheet
630Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5246 MICREL-MIC5246 Datasheet
58Kb / 12P
   150mA 關Cap CMOS LDO Regulator Preliminary Information
MIC5258 MICREL-MIC5258_06 Datasheet
465Kb / 9P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5268 MICREL-MIC5268_06 Datasheet
556Kb / 8P
   150mA 關Cap CMOS LDO Regulator w/Power Good
MIC5248 MICREL-MIC5248_06 Datasheet
258Kb / 10P
   150mA 關Cap CMOS LDO Regulator w/Power Good
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com