Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5281YMM Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5281YMM
Description  120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5281YMM Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5281YMM Datasheet HTML 6Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 7Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 8Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 9Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 10Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 11Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 12Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 13Page - Micrel Semiconductor MIC5281YMM Datasheet HTML 14Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
Micrel, Inc.
MIC5281
June 2011
10
M9999-062411-A
Detailed Description
The MIC5281 voltage regulator accepts a 6V to 120V input
and has an ultra-low 6µA typical quiescent current while
offering an excellent line transient response and PSRR.
These
features
make
it
ideal
for
harsh,
noisy
environments. All options of the device offer 25mA of
output current. The MIC5281YMM and MIC5281YMME
offer an adjustable output voltage from 1.27V to 5.5V. The
MIC5281-3.3YMME and MIC5281-3.3YMM offer fixed
3.3V outputs and the MIC5281-5.0YMME and MIC5281-
5.0YMM offer fixed 5.0V outputs. The YMME packaged
devices feature a heat slug to more effectively remove
heat from the die.
Applications Information
Thermal Protection
MIC5281 has internal thermal shutdown to protect it from
excessive
heating
of
the
die.
When
the
junction
temperature exceeds approximately +155°C, the output is
disabled and the device begins to cool down. The device
turns back on when the junction temperature cools by
15°C. This will result in a cycled output during continuous
thermal-overload conditions.
Current Limit
MIC5281 features output current-limit protection. The
output sustains a continuous short circuit to GND without
damage to the device, but thermal shutdown often results.
Input Capacitor
Connect a 1.0µF capacitor from VIN to GND. Micrel
recommends
the
C5750X7R2E105M,
1.0µF,
250V
capacitor made by TDK. When using a different capacitor,
assure that the voltage rating of the capacitor exceeds any
potential transient.
CPSRR Capacitor
Connect a 0.1µF capacitor from CPSRR to GND to
maintain high power supply rejection. The voltage rating of
the capacitor must be at least 14V.
Output Capacitor
Connect a 10µF capacitor from VOUT to GND. Assure that
the voltage rating of the capacitor exceeds the designed
output voltage of the MIC5281.
Output Voltage Setting
For the MIC5281YMME and MIC5281YMM, VOUT is
programmed from 1.27V to 5.5V using:
+
×
=
1
R2
R1
V
V
REF
OUT
where VREF = 1.267V, and R1 and R2 are shown in the
Typical Applications circuit.
Thermal Measurements
It is always wise to measure an IC’s case temperature to
make sure that it is within operating limits, but it is easy to
get erroneous results. The standard thermal couple that
comes with many voltage meters uses a large wire gauge
that behaves like a heat-sink, resulting in artificially low
case temperature measurements. Use a thermocouple of
36-gauge wire or smaller, such as the Omega (5SC-TT-K-
36-36), to minimize the heat-sinking effect. Also, apply
thermal compound to maximize heat transfer between the
IC and the thermocouple.
An infrared thermometer is a recommended alternative.
The IR thermometer from Optris has a 1mm spot size,
ideal for monitoring small surface mount packages. Also,
the optional stand makes it easy to keep the beam on the
IC for long periods of time.


Similar Part No. - MIC5281YMM

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
MIC5281YMME-EV APEX-MIC5281YMME-EV Datasheet
1Mb / 10P
   Evaluation Kit
Rev A
More results

Similar Description - MIC5281YMM

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MAQ5281 MICREL-MAQ5281_14 Datasheet
864Kb / 16P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5281 MICREL-MAQ5281 Datasheet
687Kb / 18P
   120VIN, 25mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283_12 Datasheet
962Kb / 19P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282 Datasheet
690Kb / 18P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5283 MICREL-MAQ5283 Datasheet
828Kb / 14P
   120VIN, 150mA, Ultra-Low IQ, High-PSRR Linear Regulator
MAQ5282 MICREL-MAQ5282_14 Datasheet
878Kb / 16P
   120VIN, 50mA, Ultra-Low IQ, High-PSRR Linear Regulator
MIC5283 MICREL-MIC5283 Datasheet
962Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5282 MICREL-MIC5282 Datasheet
940Kb / 19P
   Ultra-Low IQ, High-PSRR Linear Regulator
MIC5280 MICREL-MIC5280 Datasheet
259Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
MAQ5280 MICREL-MAQ5280 Datasheet
339Kb / 14P
   25mA, 120V, Low IQ, High PSRR LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com