Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5370 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5370
Description  High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5370 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5370 Datasheet HTML 2Page - Micrel Semiconductor MIC5370 Datasheet HTML 3Page - Micrel Semiconductor MIC5370 Datasheet HTML 4Page - Micrel Semiconductor MIC5370 Datasheet HTML 5Page - Micrel Semiconductor MIC5370 Datasheet HTML 6Page - Micrel Semiconductor MIC5370 Datasheet HTML 7Page - Micrel Semiconductor MIC5370 Datasheet HTML 8Page - Micrel Semiconductor MIC5370 Datasheet HTML 9Page - Micrel Semiconductor MIC5370 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Micrel, Inc.
MIC5370/1
May 2011
6
M9999-052011-C
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)........................................ –0.3V to +6V
Enable Voltage (VEN1, VEN2)............................... –0.3V to VIN
Power Dissipation (PD)........................... Internally Limited
(3)
Lead Temperature (soldering, 10sec.)....................... 260°C
Junction Temperature (TJ) ........................–40°C to +125°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)....................................... +2.5V to 5.5V
Enable Voltage (VEN1, VEN2)............................... –0.3V to VIN
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
1.6x1.6 Thin MLF
®-6 (θ
JA) ................................. 90°C/W
Electrical Characteristics
(5)
VIN = VEN1 = VEN2 = VOUT + 1V; higher of the two regulator outputs; IOUTLDO1 = IOUTLDO2 = 100µA; COUT1 = COUT2 = 1µF; TJ = 25°C, bold
values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min.
Typ.
Max.
Units
Variation from nominal VOUT
–2.0
+2.0
%
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
–3.0
+3.0
%
Line Regulation
VIN = VOUT +1V to 5.5V, IOUT = 100µA
0.02
0.3
%/V
Load Regulation
IOUT = 100µA to 150mA
0.3
1
%
Dropout Voltage
IOUT = 50mA
IOUT = 150mA
55
155
110
310
mV
Ground Pin Current
VEN1 = High; VEN2 = Low; IOUT = 0mA
VEN1 = Low; VEN2 = High; IOUT = 0mA
VEN1 = VEN2 = High; IOUT1 = IOUT2 = 0mA
32
32
57
45
45
85
µA
Ground Pin Current in Shutdown
VEN1 = VEN2 = 0V
0.05
1
µA
Ripple Rejection
f = 1kHz; COUT = 1µF
60
dB
Current Limit
VOUT = 0V
200
325
550
mA
Output Voltage Noise
COUT = 1µF, 10Hz to 100kHz
200
µVRMS
Auto-Discharge NFET
Resistance
MIC5371 Only; VEN1 = VEN2 = 0V; VIN = 3.6V
30
Enable Inputs (EN1/EN2)
Logic Low
0.2
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.01
1
Enable Input Current
VIH ≥ 1.2V
0.01
1
µA
Turn-on Time
COUT = 1µF
50
125
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
5. Specification for packaged product only.


Similar Part No. - MIC5370

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5373 MICREL-MIC5373 Datasheet
873Kb / 19P
   Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
MIC5373-MG4YMT MICREL-MIC5373-MG4YMT Datasheet
873Kb / 19P
   Triple 200mA 關Cap LDO in 2.5 x 2.5 Thin MLF
MIC5374 MICREL-MIC5374 Datasheet
896Kb / 22P
   Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
MIC5374-SJG1YMT MICREL-MIC5374-SJG1YMT Datasheet
896Kb / 22P
   Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
   High Performance Low Dropout 150mA LDO
More results

Similar Description - MIC5370

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5338 MICREL-MIC5338 Datasheet
344Kb / 12P
   Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5302 MICREL-MIC5302_10 Datasheet
354Kb / 8P
   150mA ULDO in Ultra-Small 1.2mm x 1.6mm Thin MLF
MIC5302 MICREL-MIC5302 Datasheet
354Kb / 8P
   150mA ULDO in Ultra Small 1.2mm x 1.6mm Thin MLF
MIC5380 MICREL-MIC5380 Datasheet
351Kb / 12P
   High Performance Dual 150mA LDO 1mm x 1mm Thin MLF
MIC5353 MICREL-MIC5353_15 Datasheet
512Kb / 13P
   500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353 MICREL-MIC5353 Datasheet
455Kb / 12P
   500mA LDO in 1.6mm 횞 1.6mm Package
logo
LUMEX INC.
SML-LXFT1206SYC-TR LUMEX-SML-LXFT1206SYC-TR_17 Datasheet
92Kb / 1P
   3.2mm X 1.6mm Ultra Thin SMT LED
SML-LXFT1206YD-TR LUMEX-SML-LXFT1206YD-TR_17 Datasheet
92Kb / 1P
   3.2mm X 1.6mm Ultra Thin SMT LED
SML-LXFT1206SRC-TR LUMEX-SML-LXFT1206SRC-TR_17 Datasheet
92Kb / 1P
   3.2mm X 1.6mm Ultra Thin SMT LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com