Electronic Components Datasheet Search |
|
MIC5365-2.7YC5 Datasheet(PDF) 6 Page - Micrel Semiconductor |
|
MIC5365-2.7YC5 Datasheet(HTML) 6 Page - Micrel Semiconductor |
6 / 15 page Micrel, Inc. MIC5365/6 September 2009 6 M9999-090109-C Absolute Maximum Ratings (1) Supply Voltage (VIN)............................................... 0V to 6V Enable Voltage (VEN).............................................. 0V to VIN Power Dissipation (PD)........................... Internally Limited (3) Lead Temperature (soldering, 3µsec)........................ 260°C Junction Temperature (TJ) ........................–40°C to +150°C Storage Temperature (Ts) .........................–65°C to +150°C ESD Rating (4).................................................................. 2kV Operating Ratings (2) Supply Voltage (VIN)......................................... 2.5V to 5.5V Enable Voltage (VEN).............................................. 0V to VIN Junction Temperature (TJ) ........................–40°C to +125°C Junction Thermal Resistance 1x1 Thin MLF-4 ( θJA) .......................................250°C/W SC-70-5 ( θJA) ................................................256.5°C/W Electrical Characteristics (5) VIN = VEN = VOUT + 1V; CIN = COUT = 1µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted. Parameter Condition Min Typ Max Units Variation from nominal VOUT –2.0 +2.0 % Output Voltage Accuracy Variation from nominal VOUT; –40°C to +125°C –3.0 +3.0 % Line Regulation VIN = VOUT +1V to 5.5V; IOUT = 100µA 0.02 0.3 % Load Regulation (6) IOUT = 100µA to 150mA 0.3 1 % Dropout Voltage (7) IOUT = 50mA; VOUT ≥ 2.8V IOUT = 150mA; VOUT ≥ 2.8V IOUT = 50mA; VOUT < 2.8V IOUT = 150mA; VOUT < 2.8V 55 155 60 180 110 310 135 380 mV mV mV mV Ground Pin Current (8) IOUT = 0mA 29 39 µA Ground Pin Current in Shutdown VEN ≤ 0.2V 0.05 1 µA Ripple Rejection f = up to 1kHz; COUT = 1µF f = 1kHz – 10kHz; COUT = 1µF 80 65 dB dB Current Limit VOUT = 0V 200 325 550 mA Output Voltage Noise COUT = 1µF, 10Hz to 100kHz 200 µVRMS Auto-Discharge NFET Resistance MIC5366 Only; VEN = 0V; VIN = 3.6V; IOUT = –3mA 30 Ω Enable Input Logic Low 0.2 V Enable Input Voltage Logic High 1.2 V VIL ≤ 0.2V 0.01 1 µA Enable Input Current VIH ≥ 1.2V 0.01 1 µA Turn-on Time COUT = 1µF; IOUT = 150mA 50 125 µs Notes: 1. Exceeding the absolute maximum rating may damage the device. 2. The device is not guaranteed to function outside its operating rating. 3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown. 4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF. 5. Specification for packaged product only. 6. Regulation is measured at constant junction temperature using low duty cycle pulse testing, changes in output voltage due to heating effects are covered by the thermal regulation specification. 7. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal value measured at 1V differential. For outputs below 2.5V, dropout voltage is the input-to-output differential with the minimum input voltage 2.5V. 8. Ground pin current is the regulator quiescent current. The total current drawn from the supply is the sum of the load current plus the ground pin current. |
Similar Part No. - MIC5365-2.7YC5 |
|
Similar Description - MIC5365-2.7YC5 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |