Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5339-4CYMT Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5339-4CYMT
Description  Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5339-4CYMT Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5339-4CYMT Datasheet HTML 1Page - Micrel Semiconductor MIC5339-4CYMT Datasheet HTML 2Page - Micrel Semiconductor MIC5339-4CYMT Datasheet HTML 3Page - Micrel Semiconductor MIC5339-4CYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5339-4CYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5339-4CYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5339-4CYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5339-4CYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5339-4CYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MIC5338/9
Dual 300mA µCap LDO
in 1.6mm x 1.6mm Thin MLF®
MLF and MicroLeadFrame are registered trademarks of Amkor Technology, Inc.
Micrel Inc. • 2180 Fortune Drive • San Jose, CA 95131 • USA • tel +1 (
408) 944-0800 • fax + 1 (408) 474-1000 • http://www.micrel.com
June 2010
M9999-063010-A
General Description
The MIC5338/9 is an advanced dual 300mA LDO ideal for
powering general purpose portable devices requiring low
output noise and excellent Power Supply Rejection Ratio
(PSRR). The MIC5338/9 provides two independently
controlled, high performance, 300mA LDOs in a tiny
1.6mm x 1.6mm Thin MLF
® package.
The MIC5338/9 provides two low noise outputs with fast
transient response. Additionally the MIC5338/9 provides
low quiescent current operation, using only 70μA with both
outputs enabled. The MIC5339 also incorporates an active
discharge feature that pulls down the output of the
regulator when the part is disabled.
The MIC5338/9 is available in fixed output voltages in a
lead-free (RoHS compliant) 6-pin 1.6mm x 1.6mm Thin
MLF
® leadless package.
Data sheets and support documentation can be found on
Micrel’s web site at www.micrel.com.
Features
• 2.5V to 5.5V input voltage range
• Two 300mA outputs
• High output accuracy – 2%
• Low quiescent current – 70µA total
• Stable with ceramic output capacitors
• Independent enable pins
• Low dropout voltage – 220mV at 300mA
• Low output noise
• Thermal shutdown protection
• Current limit protection
• Output discharge circuit – MIC5339
• 6-pin 1.6mm x 1.6mm Thin MLF® package
Applications
• Mobile phones
• Camera phones
• GPS, PMP, PDAs and handhelds
• Portable electronics
___________________________________________________________________________________________________________
Typical Application
Camera Module Power Supply


Similar Part No. - MIC5339-4CYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5339-4CYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5363 MICREL-MIC5363 Datasheet
530Kb / 12P
   High-PSRR, 300mA, 關Cap LDO in 1.2mm 횞 1.2mm Thin MLF짰
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5353 MICREL-MIC5353_15 Datasheet
512Kb / 13P
   500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353 MICREL-MIC5353 Datasheet
455Kb / 12P
   500mA LDO in 1.6mm 횞 1.6mm Package
MIC5374 MICREL-MIC5374 Datasheet
896Kb / 22P
   Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
logo
LUMEX INC.
SML-LXFT1206SYC-TR LUMEX-SML-LXFT1206SYC-TR_17 Datasheet
92Kb / 1P
   3.2mm X 1.6mm Ultra Thin SMT LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com