Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5365-2.5YC5 Datasheet(PDF) 11 Page - Micrel Semiconductor

Part # MIC5365-2.5YC5
Description  High Performance Single 150mA LDO
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5365-2.5YC5 Datasheet(HTML) 11 Page - Micrel Semiconductor

Back Button MIC5365-2.5YC5 Datasheet HTML 7Page - Micrel Semiconductor MIC5365-2.5YC5 Datasheet HTML 8Page - Micrel Semiconductor MIC5365-2.5YC5 Datasheet HTML 9Page - Micrel Semiconductor MIC5365-2.5YC5 Datasheet HTML 10Page - Micrel Semiconductor MIC5365-2.5YC5 Datasheet HTML 11Page - Micrel Semiconductor MIC5365-2.5YC5 Datasheet HTML 12Page - Micrel Semiconductor MIC5365-2.5YC5 Datasheet HTML 13Page - Micrel Semiconductor MIC5365-2.5YC5 Datasheet HTML 14Page - Micrel Semiconductor MIC5365-2.5YC5 Datasheet HTML 15Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Micrel, Inc.
MIC5365/6
September 2009
11
M9999-090109-C
VOUT
U1
MIC5365/6-xxYMT
VIN
EN
GND
C2
1µF
10V
J3
VOUT
J5
EN
J4
GND
C1
1µF
10V
J1
VIN
J2
GND
1
3
2
4
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2
GRM155R61A105KE15D
Murata
(1)
Capacitor, 1µF Ceramic, 10V, X7R, Size 0402
2
U1
MIC5365/6-xxYMT
Micrel, Inc.
(3)
High Performance Single 150mA LDO
1
Notes:
1. Murata: www.murata.com
2. Micrel, Inc.: www.micrel.com


Similar Part No. - MIC5365-2.5YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
More results

Similar Description - MIC5365-2.5YC5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5317 MICREL-MIC5317 Datasheet
1Mb / 17P
   High-Performance Single 150mA LDO
MIC5365 MICREL-MIC5365 Datasheet
421Kb / 15P
   High Performance Single 150mA LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215_06 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Micrel Semiconductor
MIC5392 MICREL-MIC5392 Datasheet
89Kb / 2P
   High-Performance Dual 150mA LDO
logo
Advanced Analog Technol...
AAT3215 AAT-AAT3215 Datasheet
348Kb / 18P
   150mA CMOS High Performance LDO
logo
Advanced Analogic Techn...
AAT3218 ANALOGICTECH-AAT3218 Datasheet
372Kb / 18P
   150mA MicroPower??High Performance LDO
logo
List of Unclassifed Man...
AAT3218 ETC-AAT3218 Datasheet
321Kb / 18P
   150mA MicroPower??High Performance LDO
logo
Advanced Analogic Techn...
AAT3215 ANALOGICTECH-AAT3215 Datasheet
283Kb / 16P
   150mA CMOS High Performance LDO
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
logo
Micrel Semiconductor
MIC5375 MICREL-MIC5375 Datasheet
344Kb / 18P
   High Performance Low Dropout 150mA LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com