Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5311 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC5311
Description  LowQ??Mode Dual 300mA LDO
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5311 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC5311_06 Datasheet HTML 2Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 3Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 4Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 5Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 6Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 7Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 8Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 9Page - Micrel Semiconductor MIC5311_06 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Micrel, Inc.
MIC5311
March 2006
6
M9999-032706
(408) 955-1690
Functional Characteristics
Enable On- Normal
I
LOAD = 200mA
V
OUT = 2.6V
Time (40µs/div)
Enable Off - Normal
I
LOAD = 200mA
V
OUT = 2.6V
Time (10µs/div)
Line Transient - LowQ
V
OUT = 2.6V
V
IN = VOUT + 1V
C
OUT = 2.2µF
LowQ = 0V
Time (200µs/div)
5.5V
4V
ILOAD = 10mA
Line Transient - Normal
Time (40µs/div)
I
LOAD = 300mA
V
OUT = 2.6V
C
OUT = 2.2µF
LowQ = 5.5V
5.5V
4V
Load Transient - LowQ
Time (200µs/div)
10mA
0mA
V
OUT = 2.6V
V
IN = VOUT + 1V
C
OUT = 2.2µF
Load Transient - Normal
V
OUT = 2.6V
V
IN = VOUT + 1V
C
OUT = 2.2µF
Time (1ms/div)
100µA
300mA


Similar Part No. - MIC5311_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5311-DKBML MICREL-MIC5311-DKBML Datasheet
344Kb / 11P
   LowQ Mode Dual 300mA LDO
MIC5311-GMBML MICREL-MIC5311-GMBML Datasheet
344Kb / 11P
   LowQ Mode Dual 300mA LDO
More results

Similar Description - MIC5311_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5311 MICREL-MIC5311 Datasheet
344Kb / 11P
   LowQ Mode Dual 300mA LDO
MIC5312 MICREL-MIC5312 Datasheet
400Kb / 11P
   LowQ Mode Dual 300mA LDO with Integrated POR
logo
Richtek Technology Corp...
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
List of Unclassifed Man...
EUP7211 ETC1-EUP7211 Datasheet
252Kb / 10P
   Dual 150/300mA LDO
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402 Datasheet
633Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
RICOH electronics devic...
R1161 RICOH-R1161 Datasheet
721Kb / 37P
   3-MODE 300mA LDO REGULATOR
R1161N081A RICOH-R1161N081A Datasheet
466Kb / 44P
   3-MODE 300mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1161X NISSHINBO-R1161X Datasheet
555Kb / 37P
   3-MODE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com