Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5338-4CYMT Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5338-4CYMT
Description  Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5338-4CYMT Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5338-4CYMT Datasheet HTML 4Page - Micrel Semiconductor MIC5338-4CYMT Datasheet HTML 5Page - Micrel Semiconductor MIC5338-4CYMT Datasheet HTML 6Page - Micrel Semiconductor MIC5338-4CYMT Datasheet HTML 7Page - Micrel Semiconductor MIC5338-4CYMT Datasheet HTML 8Page - Micrel Semiconductor MIC5338-4CYMT Datasheet HTML 9Page - Micrel Semiconductor MIC5338-4CYMT Datasheet HTML 10Page - Micrel Semiconductor MIC5338-4CYMT Datasheet HTML 11Page - Micrel Semiconductor MIC5338-4CYMT Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Micrel, Inc.
MIC5338/9
June 2010
8
M9999-063010-A
Application Information
MIC5338/9 is a dual 300mA LDO. The MIC5339
includes an auto-discharge circuit for each LDO output
that is activated when the output is disabled. The
MIC5338/9 regulator is fully protected from damage due
to fault conditions through linear current limiting and
thermal shutdown.
Input Capacitor
The MIC5338/9 is a high performance, high bandwidth
device. An input capacitor of 1µF from the input pin to
ground is required to provide stability. Low ESR ceramic
capacitors provide optimal performance in small board
area. Additional high frequency capacitors, such as
small valued NPO dielectric type capacitors, help filter
out high frequency noise and are good practice in any
RF based circuit. X5R or X7R dielectrics are
recommended for the input capacitor. Y5V dielectrics
lose most of their capacitance over temperature and are
therefore not recommended.
Output Capacitor
The MIC5338/9 requires an output capacitor of 1µF or
greater to maintain stability. The design is optimized for
use with low ESR ceramic chip capacitors. High ESR
capacitors may cause high frequency oscillation. The
output capacitor can be increased, but performance has
been optimized for a 1µF ceramic output capacitor and
does not improve significantly with larger capacitance.
X7R and X5R dielectric ceramic capacitors are
recommended
because
of
their
temperature
performance. X7R capacitors change capacitance by
15% over their operating temperature range and are the
most stable type of ceramic capacitors. Z5U and Y5V
dielectric capacitors change value by as much as 50%
and 60% respectively over their operating temperature
ranges. To use a ceramic chip capacitor with Y5V
dielectric the value must be much higher than an X7R
ceramic capacitor to ensure the same minimum
capacitance over the equivalent operating temperature
range.
No Load Stability
Unlike many other voltage regulators, the MIC5338/9 will
remain stable and in regulation with no load.
Enable/Shutdown
The MIC5338/9 comes with two active high enable pins
that allow each regulator to be disabled independently.
Forcing the enable pin low disables the regulator and
sends it into an off mode current state drawing virtually
zero current. When disabled, the MIC5339 switches an
internal 30Ω load on the regulator output to discharge
the external capacitor.
Forcing the enable pin high enables the output voltage.
The active high enable pin uses CMOS technology and
cannot be left floating. A floating enable pin may cause
an indeterminate state on the output.
Thermal Considerations
The MIC5338/9 is designed to provide two 300mA
continuous current outputs in a very small package.
Maximum operating temperature can be calculated
based on the output currents and the voltage drop
across the part. For example, if the input voltage is 3.6V,
VOUT1 = 3.3V, VOUT2 = 2.8V and each with an output
current = 300mA. The actual power dissipation of the
regulator circuit can be determined using the equation:
PD = (VIN – VOUT1) IOUT1 + (VIN – VOUT2) I OUT2 + VIN IGND
Because this is CMOS device and the ground current is
typically <100µA over the load range, the power
dissipation contributed by the ground current is < 1%
which can be ignored for this calculation.
PD = (3.6V – 3.3V) × 300mA + (3.6V – 2.8V) × 300mA
PD = 0.33W
To
determine
the
maximum
ambient
operating
temperature of the package, use the junction to ambient
thermal resistance of the device and the following basic
equation:
=
JA
A
J(MAX)
D(MAX)
θ
T
T
P
TJ(MAX) = 125°C
θJA = 92.4°C/W
Substituting PD for PD(MAX) and solving for the ambient
operating temperature will give the maximum operating
conditions for the regulator circuit. The junction to
ambient thermal resistance for the minimum footprint is
92.4°C/W.
The maximum power dissipation must not be exceeded
for proper operation.


Similar Part No. - MIC5338-4CYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5338-4CYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5363 MICREL-MIC5363 Datasheet
530Kb / 12P
   High-PSRR, 300mA, 關Cap LDO in 1.2mm 횞 1.2mm Thin MLF짰
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5353 MICREL-MIC5353_15 Datasheet
512Kb / 13P
   500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353 MICREL-MIC5353 Datasheet
455Kb / 12P
   500mA LDO in 1.6mm 횞 1.6mm Package
MIC5374 MICREL-MIC5374 Datasheet
896Kb / 22P
   Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
logo
LUMEX INC.
SML-LXFT1206SYC-TR LUMEX-SML-LXFT1206SYC-TR_17 Datasheet
92Kb / 1P
   3.2mm X 1.6mm Ultra Thin SMT LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com