Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52-C51S Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # BZT52-C51S
Description  200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V SOD-323 PACKAGE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

BZT52-C51S Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  BZT52-C51S Datasheet HTML 1Page - WILLAS ELECTRONIC CORP BZT52-C51S Datasheet HTML 2Page - WILLAS ELECTRONIC CORP BZT52-C51S Datasheet HTML 3Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
• Planar Die construction
• 200mW Power Dissipation
• Zener Voltages from 2.4~51V
• Ideally Suited for Automated Assembly Processes
MECHANICALDATA
• Case: SOD-323 , Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Approx. Weight: 0.0046 grams
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
NOTE :
A. Mounted on 5.0mm2(.013mm thick) land areas.
Valid provided that leads at a distance of 10mm from case kept at ambient temperature.
Operating Junction and Storage Temperature Range
PARAMETER
Power Dissipation
at Tamb=25℃
UNIT
mW
VALUE
200
-55 to +150
SYMBOL
PTOT
TJ ,TS
.071(1.80)
.063(1.60)
.091(2.30)
.106(2.70)
.010(0.25)MIN.
.007(0.18)MAX.
.039(1.00)
.031(0.80)
.004(0.10)MAX.
.010(0.25)
.016(0.40)
200mW SURFACE MOUNT SILICON ZENER DIODES 2.4V~51V
SOD-323 PACKAGE
Dimensions in inches and (millimeters)
SOD-323
2011-0
9
WILLAS ELECTRONIC CORP.
ORDER INFORMATION
Packing information
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
Packing information
Product Type Symbol
-T1 3K per 7" plastic Reel
BZT52-C2V4S
THRU
Pb Free Product
BZT52-C51S
SOD-323


Similar Part No. - BZT52-C51S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BZT52-C51S PANJIT-BZT52-C51S Datasheet
80Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotech Company.
BZT52-C51S DIOTECH-BZT52-C51S Datasheet
1Mb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Pan Jit International I...
BZT52-C51S PANJIT-BZT52-C51S Datasheet
145Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C51S-AU PANJIT-BZT52-C51S-AU Datasheet
79Kb / 6P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - BZT52-C51S

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
MM3Z2V4C YEASHIN-MM3Z2V4C Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MMSZ5221BS YEASHIN-MMSZ5221BS Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4S-75S WINNERJOIN-BZT52C2V4S-75S Datasheet
298Kb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
Yea Shin Technology Co....
MM3ZXXVB YEASHIN-MM3ZXXVB Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MM3Z2V4B YEASHIN-MM3Z2V4B Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
MM3ZXXVC YEASHIN-MM3ZXXVC Datasheet
1Mb / 4P
   200mW SOD-323 SURFACE MOUNT
logo
SHENZHEN YONGERJIA INDU...
BAS216 WINNERJOIN-BAS216 Datasheet
127Kb / 2P
   200mW SOD-323 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
MM3ZXXXCW SECOS-MM3ZXXXCW Datasheet
595Kb / 4P
   200mW, SOD-323L Surface Mount Zener Diodes
MT5ZXXX SECOS-MT5ZXXX Datasheet
1Mb / 4P
   200mW , SOD-523 Surface Mount Zener Diodes
MTSZ52XXBWS SECOS-MTSZ52XXBWS Datasheet
256Kb / 4P
   200mW , SOD-323L Surface Mount Zener Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com