Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5338-M4YMT Datasheet(PDF) 10 Page - Micrel Semiconductor

Part # MIC5338-M4YMT
Description  Dual 300mA 關Cap LDO in 1.6mm x 1.6mm Thin MLF짰
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5338-M4YMT Datasheet(HTML) 10 Page - Micrel Semiconductor

Back Button MIC5338-M4YMT Datasheet HTML 4Page - Micrel Semiconductor MIC5338-M4YMT Datasheet HTML 5Page - Micrel Semiconductor MIC5338-M4YMT Datasheet HTML 6Page - Micrel Semiconductor MIC5338-M4YMT Datasheet HTML 7Page - Micrel Semiconductor MIC5338-M4YMT Datasheet HTML 8Page - Micrel Semiconductor MIC5338-M4YMT Datasheet HTML 9Page - Micrel Semiconductor MIC5338-M4YMT Datasheet HTML 10Page - Micrel Semiconductor MIC5338-M4YMT Datasheet HTML 11Page - Micrel Semiconductor MIC5338-M4YMT Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Micrel, Inc.
MIC5338/9
June 2010
10
M9999-063010-A
Typical Application Schematic
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C1, C2, C3
GRM188R60J225KE19D
Murata
(1)
Capacitor, 1µF Ceramic, 6.3V, X5R, Size 0603
3
U1
MIC5338/9-xxYMT
Micrel
(2)
Dual, 300mA LDO, Size 1.6mm x 1.6mm Thin MLF
®
1
Notes:
1. Murata: www.murata.com
2. Micrel, Inc.: www.micrel.com


Similar Part No. - MIC5338-M4YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5330 MICREL-MIC5330 Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.5YML MICREL-MIC5330-1.8/1.5YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
284Kb / 10P
   Dual, 300mA UCap LDO in 2mm x 2mm MLF
MIC5330-1.8/1.6YML MICREL-MIC5330-1.8/1.6YML Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
More results

Similar Description - MIC5338-M4YMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5370 MICREL-MIC5370_11 Datasheet
346Kb / 13P
   High-Performance Dual 150mA LDO 1.6mm x 1.6mm Thin MLF짰
MIC5367 MICREL-MIC5367 Datasheet
403Kb / 11P
   High Performance 200mA Peak LDO in 1.6mm x 1.6mm Thin MLF짰
MIC5330 MICREL-MIC5330_11 Datasheet
385Kb / 10P
   Dual 300mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5363 MICREL-MIC5363 Datasheet
530Kb / 12P
   High-PSRR, 300mA, 關Cap LDO in 1.2mm 횞 1.2mm Thin MLF짰
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5310 MICREL-MIC5310_11 Datasheet
372Kb / 11P
   Dual 150mA 關Cap LDO in 2mm x 2mm MLF짰
MIC5353 MICREL-MIC5353_15 Datasheet
512Kb / 13P
   500mA LDO in 1.6mm 횞 1.6mm Package
MIC5353 MICREL-MIC5353 Datasheet
455Kb / 12P
   500mA LDO in 1.6mm 횞 1.6mm Package
MIC5374 MICREL-MIC5374 Datasheet
896Kb / 22P
   Triple 200mA 關Cap LDO and 1mA RTC LDO in 2.5mm x 2.5mm Thin MLF짰
logo
LUMEX INC.
SML-LXFT1206SYC-TR LUMEX-SML-LXFT1206SYC-TR_17 Datasheet
92Kb / 1P
   3.2mm X 1.6mm Ultra Thin SMT LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com