Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADT-SS-148DM000 Datasheet(PDF) 1 Page - Tyco Electronics

Part # ADT-SS-148DM000
Description  10 Amp Miniature Power PC Board Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ADT-SS-148DM000 Datasheet(HTML) 1 Page - Tyco Electronics

  ADT-SS-148DM000 Datasheet HTML 1Page - Tyco Electronics ADT-SS-148DM000 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
474
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Features
• UL TV-5 rating relay.
• 1 Form A contact arrangement.
• Immersion cleanable, sealed version available.
• Applications include appliance, HVAC, CTV, monitor, emergency lighting.
SDT series
10 Amp Miniature
Power PC Board Relay
Appliances, HVAC, CTV, Monitor Display
UL File No. E82292
CSA File No. LR48471
SEMKO File No. 9308008
TUV File No. R9551731
SEV File No. 97550375
Initial Insulation Resistance
Between Mutually Insulated Elements: 1,000M ohms min. @ 500VDCM.
Mechanical Data
Termination: Printed circuit terminals.
Enclosure (94V-0 Flammability Ratings):
SDT-SS: Vented (Flux-tight) plastic cover
SDT-SH: Sealed plastic case
Weight: 0.39 oz (11g) approximately.
Coil Data @ 20
°C
Operate Data
Must Operate Voltage: 75% of nominal voltage or less.
Must Release Voltage: 10% of nominal voltage or more.
Operate Time: 15 ms max.
Release Time: 8 ms max.
Environmental Data
Temperature Range:
Operating: -30
°C to +70°C
Vibration, Mechanical: 10 to 55 Hz., 1.5mm double amplitude
Operational: 10 to 55 Hz., 1.5mm double amplitude.
Shock, Mechanical: 1,000m/s2 (100G approximately).
Operational: 100m/s2 (10G approximately).
Operating Humidity: 20 to 85% RH. (Non-condensing).
Initial Dielectric Strength
Between Open Contacts: 900VAC 50/60 Hz. (1 minute).
Between Coil and Contacts: 4,000VAC 50/60 Hz. (1 minute).
Surge Voltage Between Coil and Contacts: 10,000V (1.2 / 50
µs).
Contact Data @ 20
°C
Arrangements: 1 Form A (SPST-NO)
Material: AgSnO.
Max. Switching Rate: 300 ops./min. (no load).
30 ops./min. (rated load).
Expected Mechanical Life: 10 million operations (no load).
Expected Electrical Life: 100,000 operations (rated load).
Minimum Load: 100mA @ 5VDC.
Initial Contact Resistance: 100 milliohms @ 1A, 6VDC.
Coil Data
Voltage: 5 to 48VDC.
Nominal Power: 540 mW
Coil Temperature Rise: 40
°C max., at rated coil voltage.
Max. Coil Power: 130% of nominal.
Duty Cycle: Continuous.
Contact Ratings
Ratings: 5A Tungsten @ 120VAC (TV-5) 25,000ops.
10A @ 250VAC resistive,
10A @ 120VAC resistive,
10A @ 30VDC resistive.
3A @ 250VAC inductive (cosø= 0.4),
3A @ 30VDC inductive (L/R=7msec).
Max. Switched Voltage: AC: 250V.
DC: 30V.
Max. Switched Current: 10A.
Max. Switched Power: 2,500VA, 300W.
SDT
Rated Coil
Nominal
Coil
Must Operate
Must Release
Voltage
Current
Resistance
Voltage
Voltage
(VDC)
(mA)
(ohms)
± 10%
(VDC)
(VDC)
5
106.4
47
3.75
0.50
6
88.0
68
4.50
0.60
9
58.0
155
6.75
0.90
12
44.4
270
9.00
1.20
24
21.8
1,100
18.00
2.40
48
10.9
4,400
36.00
4.80
Users should thoroughly review the technical data before selecting a product part
number. It is recommended that user also seek out the pertinent approvals files of
the agencies/laboratories and review them to ensure the product meets the
requirements for a given application.


Similar Part No. - ADT-SS-148DM000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ADT-01-1192-1313-0007 ETC-ADT-01-1192-1313-0007 Datasheet
256Kb / 1P
   Fiber Optic Patch Cord MDC/UPC-MDC/UPC G657A1 OFNR 2.0mm
Rev. A
ADT-01-1192-1313-0008 ETC-ADT-01-1192-1313-0008 Datasheet
256Kb / 1P
   Fiber Optic Patch Cord MDC/UPC-MDC/UPC OM3-300 OFNR 2.0mm
Rev. A
logo
Emerson Network Power
ADT-2540-7M-SMM-02-01 EMERSON-NETWORKPOWER-ADT-2540-7M-SMM-02-01 Datasheet
69Kb / 1P
   ADAPTER OUTLINE DRAWING
ADT-2541-7M-SMF-02-01 EMERSON-NETWORKPOWER-ADT-2541-7M-SMF-02-01 Datasheet
70Kb / 1P
   ADAPTER OUTLINE DRAWING
logo
List of Unclassifed Man...
ADT-2544-7M-NNM-02 ETC2-ADT-2544-7M-NNM-02 Datasheet
44Kb / 1P
   Between-Series Adapters
More results

Similar Description - ADT-SS-148DM000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SDT MACOM-SDT Datasheet
173Kb / 2P
   10 Amp Miniature Power PC Board Relay
SDT-S-112LMR MACOM-SDT-S-112LMR Datasheet
131Kb / 2P
   10 Amp Miniature Power PC Board Relay
PCE-124D1M MACOM-PCE-124D1M Datasheet
113Kb / 2P
   10 Amp Miniature Power PC Board Relay
ORWH-SH-112DM MACOM-ORWH-SH-112DM Datasheet
49Kb / 2P
   10 Amp Miniature Power PC Board Relay
logo
American Zettler, Inc.
AZ962 AZETTLER-AZ962 Datasheet
60Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
AZ9621 AZETTLER-AZ9621 Datasheet
96Kb / 2P
   10 AMP MINIATURE PC BOARD RELAY
logo
Tyco Electronics
2-1393222-9 MACOM-2-1393222-9 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
2-1393223-8 MACOM-2-1393223-8 Datasheet
89Kb / 2P
   10 Amp, PC Board Miniature Relay
logo
List of Unclassifed Man...
OUDH ETC1-OUDH Datasheet
34Kb / 2P
   10 Amp Miniature, Sealed PC Board Relay
logo
Tyco Electronics
OJ-SH-105HM MACOM-OJ-SH-105HM Datasheet
72Kb / 2P
   3-10 Amp Miniature,PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com