Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5357-GFYMME Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5357-GFYMME
Description  High Performance, Low Noise Dual 500mA ULDO?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5357-GFYMME Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5357-GFYMME Datasheet HTML 1Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 2Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 3Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 4Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 5Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 6Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 7Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 8Page - Micrel Semiconductor MIC5357-GFYMME Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC5357
January 2011
4
M9999-011311
Absolute Maximum Ratings(1)
Supply Voltage (VIN)........................................ −0.3V to +6V
Enable Input Voltage (VEN1 , VEN2).....................−0.3V to VIN
Power Dissipation ..................................Internally Limited
(3)
Lead Temperature (soldering, 3sec).......................... 260°C
Storage Temperature (TS).........................−65°C to +150°C
ESD Rating
(4) ................................................................. 2kV
Operating Ratings(2)
Supply Voltage (VIN)..................................... +2.6V to +5.5V
Enable Input Voltage (VEN1, VEN2) .......................... 0V to VIN
Junction Temperature ............................... –40°C to +125°C
Junction Thermal Resistance
8-Pin ePAD MSOP (
θJA) .................................64.4°C/W
Electrical Characteristics(5)
VIN = VEN1 = VEN2 = VOUT + 1.0V; higher of the two regulator outputs, IOUTLDO1 = IOUTLDO2 = 100µA; COUT1 = COUT2 = 2.2µF; CBYP = 0.1µF;
TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +125°C, unless noted.
Parameter
Conditions
Min.
Typ.
Max.
Units
Variation from nominal VOUT
-2.0
+2.0
Output Voltage Accuracy
Variation from nominal VOUT; –40°C to +125°C
-3.0
+3.0
%
Line Regulation
VIN = VOUT + 1V to 5.5V; IOUT = 100µA
0.05
0.3
0.6
%/V
Load Regulation
IOUT1&2 =100µA to 500mA
0.7
2.5
%
Dropout Voltage
(6)
IOUT1,2 = 100µA
IOUT1,2 = 50mA
IOUT1,2 = 500mA
0.1
12
130
50
300
mV
Ground Current
VEN1 ≥ 1.2V; VEN2 ≤ 0.2V; IOUT = 0mA to 500mA
VEN1 ≤ 0.2V; VEN2 ≥ 1.2V; IOUT2 = 0mA to 500mA
VEN1 = VEN2 ≥ 1.2V; IOUT1 = 500mA, IOUT2 = 500mA
95
95
160
175
175
240
µA
Ground Current in Shutdown
VEN1 = VEN2 = 0V
0.01
2
µA
Ripple Rejection
f = 1kHz; COUT = 2.2µF; CBYP = 0.1µF
f = 20kHz; COUT = 2.2µF; CBYP = 0.1µF
70
45
dB
VOUT1 = 0V
550
950
1300
Current Limit
VOUT2 = 0V
550
950
1300
mA
Output Voltage Noise
COUT = 2.2µF; CBYP = 0.1µF; 10Hz to 100kHz
51
µVRMS
Enable Inputs (EN1 / EN2)
Logic Low
0.2
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.01
Enable Input Current
VIH ≥ 1.2V
0.01
µA
Turn-on Time (See Timing Diagram)
Turn-on Time (LDO1 and 2)
COUT = 2.2µF; CBYP = 0.1µF
38
100
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = (TJ(max) – TA) / θJA. Exceeding the maximum allowable
power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model 1.5kΩ in series with 100pF.
5. Specification for packaged product only.
6. Dropout voltage is defined as the input-to-output differential at which the output voltage drops 2% below its nominal VOUT. For outputs below
2.6V, the dropout voltage is the input-to-output differential with the minimum input voltage 2.6V.


Similar Part No. - MIC5357-GFYMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5350 MICREL-MIC5350 Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/1.8YMT MICREL-MIC5350-2.8/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-2.8/2.8YMT MICREL-MIC5350-2.8/2.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.0/1.8YMT MICREL-MIC5350-3.0/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
MIC5350-3.3/1.8YMT MICREL-MIC5350-3.3/1.8YMT Datasheet
445Kb / 12P
   Dual 300mA/500mA LDO in 2mm x 2mm Thin MLF짰
More results

Similar Description - MIC5357-GFYMME

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5321 MICREL-MIC5321 Datasheet
428Kb / 12P
   Dual, High Performance 150mA UCap ULDO
MIC5320 MICREL-MIC5320 Datasheet
423Kb / 13P
   Dual, High Performance 150mA uCap ULDO
MIC5335 MICREL-MIC5335 Datasheet
597Kb / 10P
   Dual, High Performance 300mA UCap ULDO
MIC5332 MICREL-MIC5332 Datasheet
341Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5321 MICREL-MIC5321_08 Datasheet
345Kb / 12P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5331 MICREL-MIC5331 Datasheet
279Kb / 10P
   Micro-Power High Performance Dual 300mA ULDO?
MIC5322_0805 MICREL-MIC5322_0805 Datasheet
263Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5322 MICREL-MIC5322 Datasheet
317Kb / 9P
   Dual, High Performance 150mA 關Cap ULDO?
MIC5335 MICREL-MIC5335_08 Datasheet
424Kb / 10P
   Dual, High Performance 300mA 關Cap ULDO?
MIC5332 MICREL-MIC5332_08 Datasheet
382Kb / 12P
   Micro-Power High Performance Dual 300mA ULDO?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com